Electronic Components Datasheet Search
  English  ▼

X  

SA605D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA605D
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605D Datasheet(HTML) 5 Page - NXP Semiconductors

  SA605D Datasheet HTML 1Page - NXP Semiconductors SA605D Datasheet HTML 2Page - NXP Semiconductors SA605D Datasheet HTML 3Page - NXP Semiconductors SA605D Datasheet HTML 4Page - NXP Semiconductors SA605D Datasheet HTML 5Page - NXP Semiconductors SA605D Datasheet HTML 6Page - NXP Semiconductors SA605D Datasheet HTML 7Page - NXP Semiconductors SA605D Datasheet HTML 8Page - NXP Semiconductors SA605D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
5 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
6.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
RF_IN
1
RF input
RF_BYPASS
2
RF bypass pin
OSC_OUT
3
oscillator output
OSC_IN
4
oscillator input
MUTE_INPUT
5
mute input
VCC
6
positive supply voltage
RSSI_OUT
7
RSSI output
MUTED_AUD_OUTP
8
mute audio output
UNMUTED_AUD_OUTP
9
unmute audio output
QUADRATURE_IN
10
quadrature detector input terminal
LIMITER_OUT
11
limiter amplifier output
LIMITER_DECOUPL
12
limiter amplifier decoupling pin
LIMITER_DECOUPL
13
limiter amplifier decoupling pin
LIMITER_IN
14
limiter amplifier input
GND
15
ground; negative supply
IF_AMP_OUT
16
IF amplifier output
IF_AMP_DECOUPL
17
IF amplifier decoupling pin
IF_AMP_IN
18
IF amplifier input
IF_AMP_DECOUPL
19
IF amplifier decoupling pin
MIXER_OUT
20
mixer output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com