Electronic Components Datasheet Search
  English  ▼

X  

SA605D Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA605D
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605D Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA605D Datasheet HTML 4Page - NXP Semiconductors SA605D Datasheet HTML 5Page - NXP Semiconductors SA605D Datasheet HTML 6Page - NXP Semiconductors SA605D Datasheet HTML 7Page - NXP Semiconductors SA605D Datasheet HTML 8Page - NXP Semiconductors SA605D Datasheet HTML 9Page - NXP Semiconductors SA605D Datasheet HTML 10Page - NXP Semiconductors SA605D Datasheet HTML 11Page - NXP Semiconductors SA605D Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
8 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
[1]
The generator source impedance is 50
, but the SA605 input impedance at pin 18 (IF_AMP_IN) is 1500 . As a result, IF level refers
to the actual signal that enters the SA605 input (pin 8, MUTED_AUD_OUTP) which is about 21 dB less than the ‘available power’ at the
generator.
RF/IF section (internal LO)
unmuted audio level
RMS value; VCC =4.5 V;
RF level =
27 dBm
-450
-mV
Vo(RSSI)
RSSI output voltage
system; VCC =4.5 V;
RF level =
27 dBm
-4.3
-V
Table 7.
Dynamic characteristics …continued
Tamb =25 C; VCC = +6 V; unless specified otherwise. RF frequency = 45 MHz + 14.5 dBV RF input step-up.
IF frequency = 455 kHz; R17 = 5.1 k
; RF level = 45 dBm; FM modulation = 1 kHz with 8 kHz peak deviation.
Audio output with C-message weighted filter and de-emphasis capacitor. Test circuit Figure 7. The parameters listed below
are tested using automatic test equipment to assure consistent electrical characteristics. The limits do not represent the
ultimate performance limits of the device. Use of an optimized RF layout improves many of the listed parameters.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com