Electronic Components Datasheet Search
  English  ▼

X  

SA605D Datasheet(PDF) 1 Page - NXP Semiconductors

Part # SA605D
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605D Datasheet(HTML) 1 Page - NXP Semiconductors

  SA605D Datasheet HTML 1Page - NXP Semiconductors SA605D Datasheet HTML 2Page - NXP Semiconductors SA605D Datasheet HTML 3Page - NXP Semiconductors SA605D Datasheet HTML 4Page - NXP Semiconductors SA605D Datasheet HTML 5Page - NXP Semiconductors SA605D Datasheet HTML 6Page - NXP Semiconductors SA605D Datasheet HTML 7Page - NXP Semiconductors SA605D Datasheet HTML 8Page - NXP Semiconductors SA605D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1.
General description
The SA605 is a high performance monolithic low-power FM IF system incorporating a
mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector,
muting, logarithmic received signal strength indicator (RSSI), and voltage regulator. The
SA605 combines the functions of NXP SA602A and SA604A, but features a higher mixer
input intercept point, higher IF bandwidth (25 MHz) and temperature compensated RSSI
and limiters permitting higher performance application. The SA605 is available in 20-lead
SO (surface-mounted miniature package) and 20-lead SSOP (shrink small outline
package).
The SA605 and SA615 are functionally the same device types. The difference between
the two devices lies in the guaranteed specifications. The SA615 has a higher ICC, lower
input third-order intercept point, lower conversion mixer gain, lower limiter gain, lower AM
rejection, lower SINAD, higher THD, and higher RSSI error than the SA605. Both the
SA605 and SA615 devices meet the EIA specifications for AMPS and TACS cellular radio
applications.
2.
Features and benefits
Low power consumption: 5.7 mA typical at 6 V
Mixer input to >500 MHz
Mixer conversion power gain of 13 dB at 45 MHz
Mixer noise figure of 4.6 dB at 45 MHz
XTAL oscillator effective to 150 MHz (L/C oscillator to 1 GHz local oscillator can be
injected)
102 dB of IF amplifier/limiter gain
25 MHz limiter small signal bandwidth
Temperature-compensated logarithmic Received Signal Strength Indicator (RSSI) with
a dynamic range in excess of 90 dB
Two audio outputs — muted and unmuted
Low external component count; suitable for crystal/ceramic/LC filters
Excellent sensitivity: 0.22
V into 50  matching network for 12 dB SINAD
(Signal-to-Noise-and-Distortion ratio) for 1 kHz tone with RF at 45 MHz and IF at
455 kHz
SA605 meets cellular radio specifications
ESD hardened
SA605
High performance low power mixer FM IF system
Rev. 5 — 14 November 2014
Product data sheet


Similar Part No. - SA605D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605D PHILIPS-SA605D Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA605D PHILIPS-SA605D Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605DK PHILIPS-SA605DK Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA605DK PHILIPS-SA605DK Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
More results

Similar Description - SA605D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA605 PHILIPS-SA605 Datasheet
122Kb / 13P
High performance low power mixer FM IF system
1997 Nov 07
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA615 PHILIPS-SA615 Datasheet
159Kb / 14P
High performance low power mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
NE605 PHILIPS-NE605 Datasheet
479Kb / 8P
HIGH PERFORMANCE LOW POWER MIXER FM IF SYSTEM
November 1992
SA605 PHILIPS-SA605_15 Datasheet
531Kb / 25P
High performance low power mixer FM IF system
Rev. 5-14 November 2014
SA606 PHILIPS-SA606_15 Datasheet
532Kb / 33P
Low-voltage high performance mixer FM IF system
Rev. 6-8 November 2013
SA615 PHILIPS-SA615_15 Datasheet
533Kb / 26P
High performance low power mixer FM IF system
Rev. 4-14 November 2014
SA616 PHILIPS-SA616_15 Datasheet
228Kb / 31P
Low-voltage high performance mixer FM IF system
Rev. 5-24 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com