Electronic Components Datasheet Search
  English  ▼

X  

SA605D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA605D
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA605D Datasheet HTML 6Page - NXP Semiconductors SA605D Datasheet HTML 7Page - NXP Semiconductors SA605D Datasheet HTML 8Page - NXP Semiconductors SA605D Datasheet HTML 9Page - NXP Semiconductors SA605D Datasheet HTML 10Page - NXP Semiconductors SA605D Datasheet HTML 11Page - NXP Semiconductors SA605D Datasheet HTML 12Page - NXP Semiconductors SA605D Datasheet HTML 13Page - NXP Semiconductors SA605D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
10 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
[1]
This value can be reduced when a battery is the power source.
[2]
The ceramic filters can be 30 kHz SFG455A3s made by Murata, which have 30 kHz IF bandwidth (they come in blue), or 16 kHz
CFU455Ds, also made by Murata (they come in black). All of our specifications and testing are done with the more wideband filter.
[3]
Optional.
Table 8.
SA605 application component list
Component
Value
Description
Package
Part number
C1
33 pF
NPO ceramic
C0805K
445-127x-1-ND
C2
220 pF
NPO ceramic
C0805K
445-7484-6-ND
C3
5 pF to 30 pF
NPO ceramic; Murata TZC3P300A 110R00 TRIMCAP
490-1994-2-ND
C5
100 nF
 10 %
100 nF
 10 % monolithic ceramic
C0805K
311-1036-1-ND
C6
5 pF to 30 pF
NPO ceramic; Murata TZC3P300A 110R00 TRIMCAP
490-1994-2-ND
C7
1 nF
ceramic
C0805K
399-3293-1-ND
C8
10 pF
NPO ceramic
C0805K
490-1994-2-ND
C9
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C10[1]
22
F
tantalum
C1812
478-3117-1-ND
C11
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C12
15 nF
 10 %
ceramic
C0805K
399-1161-1-ND
C13
150 pF
 2 %
N1500 ceramic
C0805K
399-1125-1-ND
C14
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C15
10.0 pF
NPO ceramic
C0805K
311-1036-1-ND
C17
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C18
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C21
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C23
100 nF
 10 %
monolithic ceramic
C0805K
311-1036-1-ND
C24
5 pF to 30 pF trim
NPO ceramic; Murata TZC3P300A 110R00 TRIMCAP
490-1994-2-ND
C25
470 pF
monolithic ceramic
C0805K
C26
39 pF
monolithic ceramic
C0805K
CN1
8-pin header
MA08-1
399-8083-10ND
CN2
BU-SMA-H
J502-ND-142-
0701-881/886
520-142-0701-881
FL1, FL2[2]
ceramic filter;
Murata CFUKF455KB4X or equivalent
surface mount
CFUKF455KB4X-R0
L1
330 nH
Coilcraft 1008CS-331
WE-KI_1008_B
1008CS-331
L2
1.2
H
fixed inductor Coilcraft 1008CS-122XKLC
WE-KI_1008_B
1008CS-122
L3
220
H
fixed inductor
WE-GF_L
1812LS-224XJB
R9
100 k
  1 %
1/4 W metal film
R0603
311-100KCRCT-ND
R10[3]
100 k
  1 %
1/4 W metal film
C0805K
311-100KCRCT-ND
R11[3]
100 k
  1 %
1/4 W metal film
C0805K
311-100KCRCT-ND
R17
5.1 k
  5 %
1/4 W carbon composition
C0805K
311-5.10KCRDKR-ND
U1
SA605DK
TSSOP20
568-2087-5-nd
X1
44.545 MHz
resonant 3rd-overtone crystal
UM-1
49HC/11453



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com