Electronic Components Datasheet Search
  English  ▼

X  

SA605D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA605D
Description  High performance low power mixer FM IF system
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA605D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA605D Datasheet HTML 2Page - NXP Semiconductors SA605D Datasheet HTML 3Page - NXP Semiconductors SA605D Datasheet HTML 4Page - NXP Semiconductors SA605D Datasheet HTML 5Page - NXP Semiconductors SA605D Datasheet HTML 6Page - NXP Semiconductors SA605D Datasheet HTML 7Page - NXP Semiconductors SA605D Datasheet HTML 8Page - NXP Semiconductors SA605D Datasheet HTML 9Page - NXP Semiconductors SA605D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SA605
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 5 — 14 November 2014
6 of 25
NXP Semiconductors
SA605
High performance low power mixer FM IF system
7.
Limiting values
8.
Thermal characteristics
9.
Static characteristics
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-
9
V
Tstg
storage temperature
65
+150
C
Tamb
ambient temperature
operating
40
+85
C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Zth(j-a)
transient thermal impedance
from junction to ambient
SA605D/01 (SO20)
90
K/W
SA605DK/01 (SSOP20)
117
K/W
Table 6.
Static characteristics
VCC =+6V; Tamb =25 C; unless specified otherwise.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
4.5
-
8.0
V
ICC
supply current
4.55
5.7
6.55
mA
Vth
threshold voltage
mute switch-on
1.7
-
-
V
mute switch-off
-
-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com