Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA636 Datasheet(HTML) 2 Page - NXP Semiconductors

  SA636 Datasheet HTML 1Page - NXP Semiconductors SA636 Datasheet HTML 2Page - NXP Semiconductors SA636 Datasheet HTML 3Page - NXP Semiconductors SA636 Datasheet HTML 4Page - NXP Semiconductors SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 8 — 8 October 2019
2 of 32
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
Excellent sensitivity: 0.54
V into 50  matching network for 12 dB SINAD
(Signal-to-Noise And Distortion ratio) for 1 kHz tone with RF at 240 MHz and IF at
10.7 MHz
10.7 MHz filter matching (330
)
Power-down mode (ICC =200 A)
ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per
JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 Class II, Level B
3. Applications
DECT (Digital European Cordless Telephone)
Digital cordless telephones
Digital cellular telephones
Portable high performance communications receivers
Single conversion VHF/UHF receivers
FSK and ASK data receivers
Wireless LANs
4. Ordering information
4.1 Ordering options
Table 1.
Ordering information
Type number Topside
mark
Package
Name
Description
Version
SA636BS
636B
HVQFN20 plastic thermal enhanced very thin quad flat package; no leads;
20 terminals; body 4
 4  0.85 mm
SOT917-1
SA636DK/01
SA636DK
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
SA636DK/02
SA636DK
SSOP20
plastic shrink small outline package; 20 leads; body width 4.4 mm
SOT266-1
Table 2.
Ordering options
Type number
Orderable
part number
Package
Packing method
Minimum
order quantity
Temperature
SA636BS
SA636BS,115
HVQFN20
REEL 7" Q1 NDP
1500
Tamb = 40 C to +85 C
SA636DK/01
SA636DK/01,118
SSOP20
REEL 13" Q1 NDP
2500
Tamb = 40 C to +85 C
SA636DK/02
SA636DK/02J
SSOP20
REEL 13" Q1 NDP
2500
Tamb = 40 C to +85 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com