Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA636 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SA636 Datasheet HTML 9Page - NXP Semiconductors SA636 Datasheet HTML 10Page - NXP Semiconductors SA636 Datasheet HTML 11Page - NXP Semiconductors SA636 Datasheet HTML 12Page - NXP Semiconductors SA636 Datasheet HTML 13Page - NXP Semiconductors SA636 Datasheet HTML 14Page - NXP Semiconductors SA636 Datasheet HTML 15Page - NXP Semiconductors SA636 Datasheet HTML 16Page - NXP Semiconductors SA636 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 8 — 8 October 2019
13 of 32
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
13. Performance curves
Fig 4.
Supply current versus ambient temperature
Fig 5.
Power-down mode supply current versus
ambient temperature
RF level =
45 dBm
RF level =
45 dBm
Fig 6.
Mixer conversion power gain versus
ambient temperature
Fig 7.
Mixer input third-order intercept point at
240 MHz versus ambient temperature
VCC = 3 V; RF = 240 MHz; level = 68 dBm;
deviation = 125 kHz
7
8
6
9
ICC
(mA)
5
Tamb (°C)
−40
85
60
10
35
−15
002aag206
VCC = 5.0 V
3.3 V
2.7 V
0.2
0.4
0.1
0.5
ICC(pd)
(mA)
0
Tamb (°C)
−40
85
60
10
35
−15
002aag223
VCC = 5.0 V
3.3 V
2.7 V
0.3
10
12
8
14
16
Gp(conv)
(dB)
6
Tamb (°C)
−40
85
60
10
35
−15
002aag224
VCC = 5.5 V
3.0 V
2.7 V
−15
−11
−19
−7
IP3i
(dBm)
−23
Tamb (°C)
−40
85
60
10
35
−15
002aag225
VCC = 5.5 V
3.0 V
2.7 V
Tamb (°C)
−40
85
60
10
35
−15
002aag295
VCC = 5.5 V
3.0 V
2.7 V
100
200
300
0
audio reference
(mV)
−40
−100
0
20
relative
level
(dB)
−120
Tamb (°C)
−40
85
60
10
35
−15
002aag296
−80
−60
−20
audio
AM rejection
distortion
noise
12 dB SINAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com