Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA636 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button SA636 Datasheet HTML 17Page - NXP Semiconductors SA636 Datasheet HTML 18Page - NXP Semiconductors SA636 Datasheet HTML 19Page - NXP Semiconductors SA636 Datasheet HTML 20Page - NXP Semiconductors SA636 Datasheet HTML 21Page - NXP Semiconductors SA636 Datasheet HTML 22Page - NXP Semiconductors SA636 Datasheet HTML 23Page - NXP Semiconductors SA636 Datasheet HTML 24Page - NXP Semiconductors SA636 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 8 — 8 October 2019
21 of 32
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
15. Test information
The layout is very critical in the performance of the receiver. We highly recommend our
demo board layout.
All of the inductors, the quad tank, and their shield must be grounded. A 0.1
F bypass capacitor
on the supply pin improves sensitivity.
For the HVQFN20 package, the die attach paddle must be connected to the ground of PCB.
Fig 19. 240.05 MHz (RF) / 10.7 MHz (IF) test circuit
002aag360
mixer
IF amp
limiter
OSC
RSSI
quad
data
20
19
18
17
16
15
14
13
12
11
12
3
4
5
6
7
9
810
C13
C15
FL2
C19
C6
C7
VCC
C3
L1
C2
RF_IN
C1
L2
C4
L3
C5
LO_IN
VCC
RSSI_OUT
PWR
DWN
POWER_DOWN_CTRL
C8
FL3
FL4
DATA_OUT
L4
R1
C9
C10
C21
S5
R10
R11
C20
C18
12
C17
R7
R8
R9
21
R5
C16
R6
12
C14
R2
R3
R4
IF/LIM_IN
21
FL1
C11
C12
MIXER
IF/LIM_OUT
L5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com