Electronic Components Datasheet Search
  English  ▼

X  

SA636 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA636
Description  Low voltage high performance mixer FM IF system with high-speed RSSI
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA636 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA636 Datasheet HTML 5Page - NXP Semiconductors SA636 Datasheet HTML 6Page - NXP Semiconductors SA636 Datasheet HTML 7Page - NXP Semiconductors SA636 Datasheet HTML 8Page - NXP Semiconductors SA636 Datasheet HTML 9Page - NXP Semiconductors SA636 Datasheet HTML 10Page - NXP Semiconductors SA636 Datasheet HTML 11Page - NXP Semiconductors SA636 Datasheet HTML 12Page - NXP Semiconductors SA636 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
SA636
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2019. All rights reserved.
Product data sheet
Rev. 8 — 8 October 2019
9 of 32
NXP Semiconductors
SA636
Low voltage high performance mixer FM IF system
LIMITER_DECOUPL
12 (10) +1.23 V
LIMITER_DECOUPL
13 (11) +1.23 V
LIMITER_IN
14 (12) +1.23 V
GND
15 (13) 0 V
-
IF_AMP_OUT
16 (14) +1.22 V
IF_AMP_DECOUPL
17 (15) +1.22 V
IF_AMP_IN
18 (16) +1.22 V
IF_AMP_DECOUPL
19 (17) +1.22 V
MIXER_OUT
20 (18) +1.03 V
Table 4.
Internal circuits for each pin …continued
Pin numbers shown for SSOP20 package; HVQFN20 pins shown in parentheses in ‘Pin’ column.
Symbol
Pin
DC V
Equivalent circuit
330 Ω
002aac993
14
13
50 μA
12
002aac994
16
8.8 kΩ
140 Ω
330 Ω
002aac995
18
19
50 μA
17
110 Ω
002aac996
400 μA
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com