Electronic Components Datasheet Search
  English  ▼

X  

PC942 Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 1 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PC942
PC942
s Absolute Maximum Ratings
s Outline Dimensions
(Unit : mm)
High Power Output Type
OPIC Photocoupler
1. Inverter controlled air conditioners
2. Small capacitance general purpose inverters
s Features
s Applications
1. Built-in base amplifier for inverter drive
2. High power (IO1 : MAX. 0.5A (DC))
(IO2P : MAX. 2.0A (pulse))
3. High isolation voltage (Viso : 5 000Vrms)
4. High speed response (tPHL,tPLH : MAX. 5
µs)
*1 The derating factors of absolute maximum ratings due to ambient temperature are
shown in Fig.8
*2 Ta
=25˚C
*3 Pulse width
<=5µs, Duty ratio:0.01
*4, 5 The derating factors of absolute maximum ratings due to ambient temperature
are shown in Fig.9
*6 AC for 1min, 40 to 60%RH Ta
=25˚C
*7 For 10s
Parameter
Symbol
Rating
Unit
Input
Forward current
25
mA
6
V
Output
18
V
0.5
A
1.0
A
0.6
A
2.0
A
18
V
Power dissipation
500
mW
550
mW
−20 to +80
˚C
−55 to +125
˚C
260
˚C
Total power dissipation
Operating temperature
Storage temperature
5 000
Reverse voltage
Supply voltage
O1 output current
O1 peak output current
O2 output current
O2 peak output current
O1 output voltage
Isolation voltage
Soldering temperature
IF
VR
VCC
IO1
IO1P
IO2
IO2P
VO1
PO
Ptot
Viso
Topr
Tstg
Tsol
Vrms
*2
*1
*3
*3
*4
*5
*6
*7
(Ta
=Topr unless otherwise specified)
PC942
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal-processing circuit
integrated onto a single chip.
9.66±
0.5
7.62±
0.3
θθ
θ=0 to 13°
1.2±
0.3
2.54±
0.25
0.5±
0.1
0.26±
0.1
0.85±
0.2
1
2
3
4
1
2
3
4
8
7
6
5
Anode
mark
1
2
3
4
5
6
7
8
Anode
Cathode
NC
NC
O1
O2
GND
VCC
8
7
6
5
Internal connection diagram
Epoxy resin
Interface
Amp
Tr.1
Tr.2
Notice
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet
Internet address for Electronic Components Group http://www.sharp.co.jp/ecg/


Similar Part No. - PC942

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
More results

Similar Description - PC942

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
Digital Output Type OPIC Photocoupler
PC902 SHARP-PC902 Datasheet
91Kb / 6P
AC Input Type OPIC Photocoupler
PC915 SHARP-PC915 Datasheet
104Kb / 7P
Wide Band Linear Output Type OPIC Photocoupler
PC922 SHARP-PC922 Datasheet
86Kb / 6P
High Power OPIC Photocoupler
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC921 SHARP-PC921 Datasheet
192Kb / 6P
HIGH POWER OPIC PHOTOCOUPLER
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
PC920 SHARP-PC920 Datasheet
150Kb / 5P
Power OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
Digital Output Type OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com