Electronic Components Datasheet Search
  English  ▼

X  

PC942 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 5 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PC942
0
−25
0.5
100
0
25
50
75
0.1
0.2
0.3
0.4
0.4A
0.1A
Ambient temperature Ta (˚C)
VCC=6V
RL2=10Ω
IO1=0.5A
0.001
0.01
0.1
0.01
1
0.1
1.0
O2 output current IO2 (A)
VCC=6V
Ta
=25˚C
4.8
0
−0.1
4.9
−0.2
−0.3
−0.4
−0.5
−0.6
5.0
5.1
5.2
5.3
5.4
O2 output currrent IO2 (A)
VCC=6V
IF=5mA
Ta
=25˚C
4.8
−25
5.4
100
0
25
50
75
4.9
5.0
5.1
5.2
−0.4A
−0.5A
5.3
Ambient temperature Ta (˚C)
VCC=6V
IO2=−0.1A
0
−25
0.5
100
0
25
50
75
0.1
0.2
0.3
0.4
0.5A
0.1A
IO2=0.6A
VCC=6V
Ambient temperature Ta (˚C)
4
4
14
14
6
8
10
12
6
8
10
12
25˚C
80˚C
Supply voltage VCC (V)
Ta
=−20˚C
Fig.19 High Level Supply Current vs.
Supply Voltage
Fig.17 O2 Low Level Output Voltage vs.
O2 Output Current
Fig.14 O1 Low Level Output Voltage vs.
Ambient Temperature
Fig.15 O2 High Level Output Voltage vs.
O2 Output Current
Fig.16 O2 High Level Output Voltage vs.
Ambient Temperature
Fig.18 O2 Low Level Output Voltage vs.
Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com