Electronic Components Datasheet Search
  English  ▼

X  

PC942 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 4 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PC942
5
10
30
25
20
15
0
−25 −20
0
25
50
75
100
80
Ambient temperature Ta (˚C)
0.7
0.8
0.9
1.2
1.1
1.0
IFLH=1 at VCC=6V
Ta
=25˚C
6
8
14
4
10
12
Supply voltage VCC (V)
0
300
0
25
50
75
100
80
400
600
200
100
500
550
Ambient temperature Ta (˚C)
−20
Ptot
PO
25˚C
0˚C
0
0.1
1
10
100
1000
0.5
1.0
1.5
2.0
2.5
3.0
50˚C
Ta
=75˚C
−20˚C
Forward voltage VF (V)
0.6
0.8
1.6
0
25
50
100
−25
75
1.4
1.2
1.0
Ambient temperature Ta (˚C)
VCC=6V
IFHL=1 at Ta=25˚C
0.01
0.1
1
0.001
0.01
0.1
1
O1 output current IO1 (A)
VCC=6V
RL2=10Ω
IF=5mA
Ta
=25˚C
Fig.12 "Low
→High" Relative Threshold Input
Current vs. Ambient Temperature
Fig.8 Forward Current vs. Ambient
Temperature
Fig.9 Power Dissipation vs. Ambient
Temperature
Fig.11 "Low
→High" Relative Threshold
Input Current vs. Supply Voltage
Fig.10 Forward Current vs. Forward
Voltage
Fig.13 O1 Low Level Output Voltage vs.
O1 Output Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com