Electronic Components Datasheet Search
  English  ▼

X  

PC942 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 6 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PC942
6
4
16
14
6
8
10
12
8
10
12
14
25˚C
80˚C
Supply voltage VCC (V)
Ta
=−20˚C
0
1
2
3
5
6
5
10
15
20
25
0
4
25˚C
−20˚C
25˚C
−20˚C
tPHL
Forward current IF (mA)
Ta
=80˚C
VCC=6V
RL1=5Ω
RL2=10Ω
Ta
=80˚C
tPLH
0
1
2
3
4
5
0
25
50
75
100
−25
Ambient temperature Ta (˚C)
VCC=6V
RL1=5Ω
RL2=10Ω
IF=5mA
tPHL
tPLH
Fig.20 Low Level Supply Current vs.
Supply Voltage
Fig.21 Propagation Delay Time vs.
Forward Current
Fig.22 Propagation Delay Time vs.
Ambient Temperature
25
°C
2min
230
°C
200
°C
180
°C
1min
30s
1min
10s
Only one time soldering is recommended within the temperature
profile shown below.
Fig.24 Reflow Soldering
O2 low level output voltage VO2L (V)
I02 MAX. (Pulse)
I02MAX. (Continuous)
DC (Ta
=80˚C)
100ms*
10ms*
1ms*
*
Single
osc.pulse
Ta
=25˚C
DC
1s*
0.1
0.2
0.2
0.5
1
2
5
10
20
0.5
1
2
5
10
Fig.23 O2 Peak Output Current vs.
O2 Low Level Output Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com