Electronic Components Datasheet Search
  English  ▼

X  

PC942 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC942
Description  High Power Output Type OPIC Photocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC942 Datasheet(HTML) 3 Page - Sharp Corporation

  PC942 Datasheet HTML 1Page - Sharp Corporation PC942 Datasheet HTML 2Page - Sharp Corporation PC942 Datasheet HTML 3Page - Sharp Corporation PC942 Datasheet HTML 4Page - Sharp Corporation PC942 Datasheet HTML 5Page - Sharp Corporation PC942 Datasheet HTML 6Page - Sharp Corporation PC942 Datasheet HTML 7Page - Sharp Corporation PC942 Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PC942
s Test Circuit
Fig. 2
Fig. 4
Fig. 6
Fig. 7
Fig. 1
Fig. 3
Fig. 5
1
2
8
5
6
7
V
PC942
PC942
V
7
6
5
8
2
1
IF
IF
IF
RL2
VCC
VCC
IO2
VCC
VCC
VCC
PC942
7
6
5
8
2
1
A
1
2
8
5
6
7
A
PC942
1
2
8
6
5
7
PC942
47
Ω
1
2
8
5
6
7
PC942
V
Variable
A
VIN
tr=tf=0.01µs
ZO=50Ω
VO2
RL2
RL1
PC942
7
6
5
8
2
1
SW
B
GND
GND
tPLH
tPHL
tf
tr
10%
90%
VOUT waveform
+
−
SW at B, IF=0
∆VO2L
VO2L
∆VO2H
VO2H
50%
50%
A
VIN waveform
SW at A, IF=5mA
IO1
RL1
RL2
RL1
RL2
VCC
VCC
VO2
VCM
VCM waveform
VCM
(peak)
CMH VO2 waveform
CML VO2 waveform
IF
IF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com