Electronic Components Datasheet Search
  English  ▼

X  

RT3052F Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # RT3052F
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3052F Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button RT3052F Datasheet HTML 92Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 93Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 94Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 95Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 96Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 97Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 98Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 99Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-96-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
FE_RST_GLO: Frame Engine Global Reset (offset: 0x0C)
Bits
Type
Name
Description
Initial value
31:16
RC
FC_DROP_CNT
Flow control drop packet count.
16’b0
15:1
-
-
Reserved
15’b0
0
WO
PSE_RESET
PSE reset
Write 1 to reset PSE
Write 0 to disable reset PSE
1’b0
FE_INT_STATUS: Frame Engine Interrupt Status (offset: 0x10)
Bits
Type
Name
Description
Initial value
31
R/W
CNT_PPE_AF
PPE Counter Table Almost Full
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
30
-
-
Reserved
1’b0
29
R/W
CNT_GDM_AF
GDMA 1 &2 Counter Table Almost Full
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
28:25 -
-
Reserved
4’b0
26
R/W
PSE_P2_FC
PSE port2 (GDMA 2) flow control asserted.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
25
R/W
GDM_CRC_DROP
GDMA 1 & 2 discard a packet due to CRC error
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
24
R/W
PSE_BUF_DROP
PSE discards a packet due to buffer sharing limitation (flow
control)
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
23
R/W
GDM_OTHER_DR
OP
GDMA 1 & 2 discard a packet due to other reason (e.g. too
short, too long, FIFO overflow, checksum error,.., etc.)
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
22
R/W
PSE_P1_FC
PSE port1 (GDMA 1) flow control asserted.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
21
R/W
PSE_P0_FC
PSE port0 (CDMA) flow control asserted.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
20
R/W
PSE_FQ_EMPTY
PSE free Q empty threshold reached & forced drop condition
occurred.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
17
R/W
TX_COHERENT
TX_DMA finds data coherent event when checking ddone bit.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
16
R/W
RX_COHERENT
RX_DMA finds data coherent event when checking ddone bit.
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
15:12 -
-
Reserved
4’b0
11
R/W
TX_DO NE_INT3
Tx queue#3 packet transmit interrupt
Write 1 to clear the interrupt.
Read to get the raw interrupt status
1’b0
10
R/W
TX_DO NE_INT2
Tx queue#2 packet transmit interrupt
Write 1 to clear the interrupt.
1’b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com