Electronic Components Datasheet Search
  English  ▼

X  

RT3052F Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RT3052F
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3052F Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RT3052F Datasheet HTML 17Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 18Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 19Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 20Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 21Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 22Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 23Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 24Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-21-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
1.4 Boot strapping Signal description
Pin Name
Boot Strapping Signal
Name
Description
MA7..MA0
TEST_CODE[7:0]
A vec tor to set CHIP operation/testing modes.
In normal operation, please use the default value :
8’b00000000
{MA9, MA8}
BOOT_FRO M
2’b00 : boot from external 16-bit flash (default)
2’b01 : boot from external 8-bit flash
2’b10 : boot from external NAND flash
2’b11 : boot from internal ROM
MA10
CPU_CLK_SEL
1’b0 : Low (320Mhz)
1’b1 : High (384Mhz, default)
MA12
BIG_ENDIAN
0 : Little Endian (default)
1 : Big Endian
MA13
BYPASS_PLL
0 : Do Not Bypass PLL (default)
1: Bypass PLL
MA14
BOOT_ADDR
0 : CPU boots at address 0x1FC00000(default)
1 : CPU boots at address 0x1F000000
{MA17,MA16}
GE_MODE
Gigabit Port Mode
2’b00 : RGMII Mode (10/100/1000M bps)
2’b01 : MII Mode (10/100 Mbps)
2’b10 : Reversed MII Mode (10/100 Mbps)
2’b11 : Reserve
MA20
INIC_8MB_SDRAM
0 : INIC SDRAM size is 2MB (default)
1 : INIC SDRAM size is 8MB
MA21
INIC_EE_SDRAM
0 : Take INIC SDRAM size from INIC_8MB setting (default)
1 : Take INIC SDRAM size from EEPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com