Electronic Components Datasheet Search
  English  ▼

X  

RT3052F Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # RT3052F
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3052F Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button RT3052F Datasheet HTML 69Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 70Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 71Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 72Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 73Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 74Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 75Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 76Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-73-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
GDMACT1n: GDMA Channel n Control Register 1 (offset: 0x0C, 0x1C, 0x2C, 0x3C, 0x4C, 0x5C, 0x6C, 0x7C)
Bits
Type
Name
Description
Initial value
31:5
--
-
Reserved
--
4
R/W
Channel
Unmasked
Interrupt
Enable
Channel unmasked interrupt enabl e.
‘b1:Enable
‘b0:Disable
When this bit is set, an interrupt will be asserted when the
hardware wants to clear the Channel Mask bit and the Channel
Mask bit is 0 originally.
1’b0
3:1
R/W
Next Unmasked
Channel
The value represents the next unmasked channel . When the
transaction is done, the hardware will clear the Channel Mask bit
of the next unmasked channel.
‘b000: Channel 0
‘b001: Channel 1
‘b010: Channel 2
‘b011: Channel 3
‘b100: Channel 4
‘b101: Channel 5
‘b110: Channel 6
‘b111: Channel 7
If the hardware doesn’t need to clear any Channel Mask bit,
these bits must be set to their own channel.
4’b0
0
R/W
Channel Mask
Channel Mask
‘b1: This channel is masked
‘b0: This channel is not masked
When this channel mask is set, the GDMA transaction will not
start until this bit is clear by the hardware.
1’b0
GDMAISTS: GDMA Interrupt Status Register (offset: 0x80)
Bits
Type
Name
Description
Initial value
31:24 -
-
Reserved
-
23:16 R/W1C
Unmasked
Interrupt Status
This register contains the unmasked interrupt status. This bit will
be set when the hardware wants to clear the Channel Mask bit
and the Channel Mask bit is 0 originally.
Bit23~bit16 is for channel 7 ~ channel 0, respectively.
8’b0
15:8
-
-
Reserved
-
7:0
R/W1C
Transmit Done
Interrupt Status
This register contains the transmit-done interrupt status.
Bit7~bit0 is for channel 7 ~ channel 0, respectively.
8’b0
GDMASSTS: GDMA Signal Status Register (offset: 0x84)
Bits
Type
Name
Description
Initial value
31:24 -
-
Reserved
-
23:16 R
GDMA Request
Signal Status
This register contains the GDMA Request Signals status
Bit7~bit0 is for GDMA_REQ7 ~ GDMA_REQ0, r espectively.
8’b0
15:8
R
GDMA ACK
Signal Status
This register contains the GDMA ACK signals status
Bit7~bit0 is for GDMA_ACK7 ~ GDMA_ACK0, r espectively.
8’b0
7:0
R
GDMA Finish
Signal Status
This register contains the GDMA Finish signals status
Bit7~bit0 is for GDMA_Finish7 ~ GDMA_Finish0, respectively.
8’b0
GDMAGCT: GDMA Global Control Register (offset: 0x88)
Bits
Type
Name
Description
Initial value
31:1
-
-
Reserved
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com