Electronic Components Datasheet Search
  English  ▼

X  

RT3052F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RT3052F
Description  Dual Band Concurrent Router
PDF  235 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT3052F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RT3052F Datasheet HTML 1Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 2Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 3Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 4Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 5Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 6Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 7Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 8Page - List of Unclassifed Manufacturers RT3052F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 235 page
background image
RT3050/52
Datasheet
Preliminary
Revision August 14, 2008
DSR3050/52_V.2.0_081408
-2-
Form No.:QS-073-F02
Rev.:1
Kept by: DCC
Ret. T ime: 5 Years
Functional Block Diagram
MIPS 24KEc
(384 MHz)
32K I-Cache
16K D-Cache
Clock/Timer/Reset/PLL
802.11n
2T2R
MAC
BBP
802.11n
2T2R
2.4GHz
RF
2T3R
Diversity
Parallel Flash
Controller
SDRAM
Controller
PCM
SPI
I2S
I2C
USB 2.0 OTG
CTRL/PHY
UART Full+Lite
External Interface
40MHz
Crystal
FE Router
Transf ormer
8bit/16ibt NOR
8bit NAND Flash
16bit/32bit SDRAM
UART Interface
USB 2.0 Interface
EEPROM/Control
Audio Interface
SLIC
Codec
GPIO/LED
0
1
2
3
4
Gigabit
MAC
Fast Ethernet Switch
GbE Router
Gigabit Switch
MII
RGMII
Dual-band Router
RT2880/50
RGMII iNIC
OR
Fig. 1-1 RT3052 Functional Block Diagram
8bit/16ibt NOR
8bit NAND Flash
16bits SDRAM
UART Interface
USB 2.0 Interface
EEPROM/Control
Audio Interface
SLIC
Codec
GPIO/LED
RJ45
(5)
MIPS 24KEc
(320 MHz)
16K I-Cache
16K D-Cache
Clock/Timer/Reset/PLL
802.11n
1T1R
MAC
BBP
802.11n
1T1R
2.4GHz
RF
1T1R
Diversity
Parallel Flash
Controller
SDRAM
Controller
0
1
2
3
4
Fast Ethernet Switch
PCM
SPI
I2S
I2C
USB 2.0 OTG
CTRL/PHY
UART Full+Lite
External Interface
40MHz
Crystal
Transformer
Fig. 1-2 RT3050 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com