Electronic Components Datasheet Search
  English  ▼

X  

RT8152F Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT8152F
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152F Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT8152F Datasheet HTML 1Page - Richtek Technology Corporation RT8152F Datasheet HTML 2Page - Richtek Technology Corporation RT8152F Datasheet HTML 3Page - Richtek Technology Corporation RT8152F Datasheet HTML 4Page - Richtek Technology Corporation RT8152F Datasheet HTML 5Page - Richtek Technology Corporation RT8152F Datasheet HTML 6Page - Richtek Technology Corporation RT8152F Datasheet HTML 7Page - Richtek Technology Corporation RT8152F Datasheet HTML 8Page - Richtek Technology Corporation RT8152F Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RT8152C/D
3
DS8152C/D-04
April 2011
www.richtek.com
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
NTC
Thermal Detection Input for VRTT Circuit. Connect this pin with a resistor divider
from VCC using NTC on the top to set the thermal management threshold level.
2
OCSET
Over Current Protection Setting. Connect a resistor voltage divider from VCC to
ground, the joint of the resistor divider is connected to OCSET pin, with a voltage
VOCSET, to set the over current threshold ILIM.
3
DPRSLPVR
Deeper Sleep Mode Signal.
4
VRON
Voltage Regulator Enabler.
5
PGOOD
Power Good Indicator.
6
CLKEN
Inverted Clock Enable. Pull high by a resistor for CPU core application. This
open-drain pin is an output indicating the start of the PLL locking of the clock chip.
Connect to GND for Render application.
7
VCC
Chip Power.
8
SOFT
Soft-Start. This pin provides soft-start function and slew rate controller. The
capacitance of the slew rate control capacitor is restricted to be larger than 10nF.
The feedback voltage of the converter follows the ramping voltage on the SOFT
pin during soft-start and other voltage transitions according to different mode of
operation and VID change.
9
RGND
Return Ground. This pin is the negative node of the differential remote voltage
sensing.
To be continued
Figure 2. Render Core Voltage Regulator
VOUT
VID0
VID1
VID2
VID3
VID4
5V
29
23
22
20
27
28
21
15
5
2
VID0
VID1
VID2
VID3
UGATE
ISEN_N
RT8152C/D
VID4
LGATE
PGND
31
30
PVDD
24
17
VCC
RGND
BOOT
PGOOD
7
PHASE
OCSET
ISEN
16
R11
PWRGD
3.3V
L1
VIN
C5
R7
C7
C1
R1
C4
Q1
Q2
R4
R5
R8
5V to 25V
R6
C6
D1
COUT
CMSET
11
12
COMP
14
VSEN
R18
R19
C13
C12
R20
NTC1
VOUT
C10
SOFT 8
9
R17
R16
R15
NTC2
VCC
GPU VSS_SNS
R22
DPRSLPVR
3 DPRSLPVR
GND
18, 33 (Exposed Pad)
C9
19
C2
C3
TON
R2
R3
VID5
VID6
25
26
VID5
VID6
R21
GPU VCC_SNS
R13
13
FB
CM
R12
C11
CM 10
CLKEN
VRTT
6
32
R9
VCCP
VRTT
R14
1
NTC
VRON
4 VRON
GPU VSS_SNS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com