Electronic Components Datasheet Search
  English  ▼

X  

RT8152F Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8152F
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152F Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8152F Datasheet HTML 2Page - Richtek Technology Corporation RT8152F Datasheet HTML 3Page - Richtek Technology Corporation RT8152F Datasheet HTML 4Page - Richtek Technology Corporation RT8152F Datasheet HTML 5Page - Richtek Technology Corporation RT8152F Datasheet HTML 6Page - Richtek Technology Corporation RT8152F Datasheet HTML 7Page - Richtek Technology Corporation RT8152F Datasheet HTML 8Page - Richtek Technology Corporation RT8152F Datasheet HTML 9Page - Richtek Technology Corporation RT8152F Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
RT8152C/D
6
DS8152C/D-04
April 2011
www.richtek.com
VID6 VID5 VID4 VID3 VID2 VID1 VID0
Output
1
0
0
0
0
1
0
0.6750V
1
0
0
0
0
1
1
0.6625V
1
0
0
0
1
0
0
0.6500V
1
0
0
0
1
0
1
0.6375V
1
0
0
0
1
1
0
0.6250V
1
0
0
0
1
1
1
0.6125V
1
0
0
1
0
0
0
0.6000V
1
0
0
1
0
0
1
0.5875V
1
0
0
1
0
1
0
0.5750V
1
0
0
1
0
1
1
0.5625V
1
0
0
1
1
0
0
0.5500V
1
0
0
1
1
0
1
0.5375V
1
0
0
1
1
1
0
0.5250V
1
0
0
1
1
1
1
0.5125V
1
0
1
0
0
0
0
0.5000V
1
0
1
0
0
0
1
0.4875V
1
0
1
0
0
1
0
0.4750V
1
0
1
0
0
1
1
0.4625V
1
0
1
0
1
0
0
0.4500V
1
0
1
0
1
0
1
0.4375V
1
0
1
0
1
1
0
0.4250V
1
0
1
0
1
1
1
0.4125V
1
0
1
1
0
0
0
0.4000V
1
0
1
1
0
0
1
0.3875V
1
0
1
1
0
1
0
0.3750V
1
0
1
1
0
1
1
0.3625V
1
0
1
1
1
0
0
0.3500V
1
0
1
1
1
0
1
0.3375V
1
0
1
1
1
1
0
0.3250V
1
0
1
1
1
1
1
0.3125V
1
1
0
0
0
0
0
0.3000V
VID6 VID5 VID4 VID3 VID2 VID1 VID0
Output
1
1
0
0
0
0
1
0.2875V
1
1
0
0
0
1
0
0.2750V
1
1
0
0
0
1
1
0.2625V
1
1
0
0
1
0
0
0.2500V
1
1
0
0
1
0
1
0.2375V
1
1
0
0
1
1
0
0.2250V
1
1
0
0
1
1
1
0.2125V
1
1
0
1
0
0
0
0.2000V
1
1
0
1
0
0
1
0.1875V
1
1
0
1
0
1
0
0.1750V
1
1
0
1
0
1
1
0.1625V
1
1
0
1
1
0
0
0.1500V
1
1
0
1
1
0
1
0.1375V
1
1
0
1
1
1
0
0.1250V
1
1
0
1
1
1
1
0.1125V
1
1
1
0
0
0
0
0.1000V
1
1
1
0
0
0
1
0.0875V
1
1
1
0
0
1
0
0.0750V
1
1
1
0
0
1
1
0.0625V
1
1
1
0
1
0
0
0.0500V
1
1
1
0
1
0
1
0.0375V
1
1
1
0
1
1
0
0.0250V
1
1
1
0
1
1
1
0.0125V
1
1
1
1
0
0
0
0.0000V
1
1
1
1
0
0
1
0.0000V
1
1
1
1
0
1
0
0.0000V
1
1
1
1
0
1
1
0.0000V
1
1
1
1
1
0
0
0.0000V
1
1
1
1
1
0
1
0.0000V
1
1
1
1
1
1
0
0.0000V
1
1
1
1
1
1
1
0.0000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com