Electronic Components Datasheet Search
  English  ▼

X  

RT8152F Datasheet(PDF) 22 Page - Richtek Technology Corporation

Part # RT8152F
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152F Datasheet(HTML) 22 Page - Richtek Technology Corporation

Back Button RT8152F Datasheet HTML 16Page - Richtek Technology Corporation RT8152F Datasheet HTML 17Page - Richtek Technology Corporation RT8152F Datasheet HTML 18Page - Richtek Technology Corporation RT8152F Datasheet HTML 19Page - Richtek Technology Corporation RT8152F Datasheet HTML 20Page - Richtek Technology Corporation RT8152F Datasheet HTML 21Page - Richtek Technology Corporation RT8152F Datasheet HTML 22Page - Richtek Technology Corporation RT8152F Datasheet HTML 23Page - Richtek Technology Corporation RT8152F Datasheet HTML 24Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
RT8152C/D
22
DS8152C/D-04
April 2011
www.richtek.com
Users can use the same NTC thermistor for both thermal
throttling and current limit setting as shown in Figure 13.
Just divide the ROC1b into RTTa and RTTb, and write the
VNTC equation at thermal throttling temperature TT
°C :
RTTa + RTTb = ROC1b
(24)
OC2
TTb
CC
CC
OC2
OC1b
OC1a
NTC, TT
RR
V0.8 V
RR
R
// R
+
×=
×
++
(25)
Solving (27) and (28) for R
TTa and RTTb as:
RTTb = 4 x (ROC1a // RNTC, TT)
− ROC2
(26)
RTTa = ROC1b
− RTTb
(27)
Figure 13. Using Single NTC Thermistor for Thermal
Throttling and Current Limit Setting
NTC
+
-
+
0.8 x VCC
VRTT
CMP
VCC
RTTa
RTTb
ROC1a
NTC
ROC2
OCSET
Current Monitor
Figure 14 shows the current monitor setting principle.
Current monitor needs to meet IMVP6.5 specification, the
RT8152C/D is based on the relation between RDROOP and
load current to provide an easily setting and high accuracy
current monitor indicator.
The current monitor indication voltage VCM equation is
shown as :
LOAD
DROOP
CM
CM
CMSET
2I
R
R
V
R
××
×
=
(28)
Where ILOAD is the output load current, RDROOP is the load
line setting of applications, RCM and RCMSET is the current
monitor current setting resistor.
To find RCM and RCMSET base on :
CM(MAX)
CM
CMSET
(MAX)
DROOP
V
R
R2 I
R
=
××
(29)
The VCM(MAX) must be kept equal to 1V, I(MAX) is needed to
follow the setting current of the IMVP6.5 definition with
various CPU. The RDROOP is the load line setting of
applications. The VCM(MAX) is clamped not higher than
1.15V.
There is a example for current monitor, the following design
parameters are given :
I(MAX) = 30A, RDROOP = 3m
Ω,
VCM(MAX) = 1V, RCMSET = 10k
Ω
RCM = 55.6k
Ω
⇒
Figure 14. Current Monitor Setting Principle
VSEN
VCC_SENSE
Current
Monitor
Generator
RCMSET
CMSET
VCM
RCM
C1
RGND
CM
Inductor Selection
The switching frequency and ripple current determine the
inductor value as follows :
IN
OUT
(MIN)
ON
Ripple MAX
VV
LT
I
−
−
=×
(30)
where TON is the UGATE turn on period.
Higher inductance yields in less ripple current and hence
in higher efficiency. The flaw is the slower transient
response of the power stage to load transients. This might
increase the need for more output capacitors driving the
cost up. Find a low loss inductor having the lowest possible
DC resistance that fits in the allotted dimensions. The
core must be large enough not to be saturated at the
peak inductor current.
Output Capacitor Selection
Output capacitors are used to obtain high bandwidth for
the output voltage beyond the bandwidth of the converter
itself. Usually, the CPU manufacturer recommends a
capacitor configuration. Two different kinds of output
capacitors can be found including, bulk capacitors closely
located to the inductors and ceramic output capacitors in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com