Electronic Components Datasheet Search
  English  ▼

X  

RT8152F Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8152F
Description  Single-Phase PWM Controller for CPU / GPU Core Power Supply
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8152F Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8152F Datasheet HTML 5Page - Richtek Technology Corporation RT8152F Datasheet HTML 6Page - Richtek Technology Corporation RT8152F Datasheet HTML 7Page - Richtek Technology Corporation RT8152F Datasheet HTML 8Page - Richtek Technology Corporation RT8152F Datasheet HTML 9Page - Richtek Technology Corporation RT8152F Datasheet HTML 10Page - Richtek Technology Corporation RT8152F Datasheet HTML 11Page - Richtek Technology Corporation RT8152F Datasheet HTML 12Page - Richtek Technology Corporation RT8152F Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
RT8152C/D
9
DS8152C/D-04
April 2011
www.richtek.com
To be continued
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Input
Supply Current
IVCC + IPVDD
RTON = 130k, VRON = 3.3V,
No Loading Current
--
--
10
mA
Shutdown Current
IVCC + IPVDD VRON = 0V
--
--
5
μA
Soft-Start/Slew Rate Control (based on 10nF CSS)
Soft-Start / Soft-Shutdown
ISS1
SOFT = 1.5V
--
20
--
μA
Normal VID Change Slew
Current
ISS2
SOFT = 1.5V
40
50
60
μA
Deeper Sleep Exit/VID
Change Slew Current
ISS3
For Render Mode Only, SOFT = 1.5V
80
100
120
μA
Reference and DAC
VDAC = 0.7500 − 1.5000
(No Load, Active Mode )
−0.8
0
0.8
%VID
DC Accuracy
VFB
VDAC = 0.5000 − 0.7500
−7.5
0
7.5
mV
RT8152C
1.089
1.1
1.111
Boot Voltage
VBOOT
RT8152D
1.188
1.2
1.212
V
Error Amplifier
DC Gain
RL = 47kΩ
(Note 5)
70
80
--
dB
Gain-Bandwidth Product
GBW
CLOAD = 5pF
(Note 5)
--
10
--
MHz
Slew Rate
SRCOMP
CLOAD = 10pF (Gain = −4,
Rf = 47kΩ, VOUT = 0.5V − 3V)
--
5
--
V/
μs
Output Voltage Range
VCOMP
RL = 47kΩ
0.5
--
3.6
V
Maximum Source Current
VCOMP = 2V
200
250
--
μA
Maximum Sink Current
IOUTEA_COMP
VCOMP = 2V
--
20
--
mA
Current Sense Amplifier
Input Offset Voltage
VOSCS
ISEN = ISEN_N = 1.5V
−1
--
1
mV
Impedance at Neg. Input
RISEN_N
ISEN_N = 1.5V
1
--
--
M
Ω
Impedance at Pos. Input
RISEN
ISEN = 1.5V
1
--
--
M
Ω
DC Gain
--
10
--
V/V
Input Range
VISEN_IN
VDAC = 1.1V, VISEN_IN = ISEN − ISEN_N
−50
--
80
mV
TON Setting
TON Pin Output Voltage
VTON
RTON = 80kΩ, VTON = VDAC = VBOOT
−5
0
5
%
ON-Time Setting
TON
IRTON = 80μA, VTON = VDAC = VBOOT
--
350
--
ns
RTON Current Range
IRTON
VTON = VDAC = VBOOT
25
--
280
μA
Minimum Off Time
TOff
IRTON = 80μA, VDAC = VBOOT
250
--
500
ns
Protection
Under Voltage Lock-out
Threshold
VUVLO
Falling edge, 80mV Hysteresis
3.9
4.1
4.3
V
Electrical Characteristics
(VCC = 5V, TA = 25
°C, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com