Electronic Components Datasheet Search
  English  ▼

X  

UM2339 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 2Page - STMicroelectronics UM2339 Datasheet HTML 3Page - STMicroelectronics UM2339 Datasheet HTML 4Page - STMicroelectronics UM2339 Datasheet HTML 5Page - STMicroelectronics UM2339 Datasheet HTML 6Page - STMicroelectronics UM2339 Datasheet HTML 7Page - STMicroelectronics UM2339 Datasheet HTML 8Page - STMicroelectronics UM2339 Datasheet HTML 9Page - STMicroelectronics UM2339 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Features
UM2339
6/26
UM2339 Rev 1
1
Features
• STM8S001J3M3 microcontroller featuring 8 Kbytes of Flash memory, 1 Kbyte of RAM
and 128 bytes of Data EEPROM in an SO8 package
• STM8L001J3M3 microcontroller featuring 8 Kbytes of Flash memory including up to
2 Kbytes of Data EEPROM and 1.5 Kbytes of RAM in an SO8 package
• STM8L050J3M3 microcontroller featuring 8 Kbytes of Flash memory, 1 Kbyte of RAM
and 256 bytes of Data EEPROM in an SO8 package
• 1 user Led
• 1 user push-button
• Individual and breakable STM8 SO8 to DIL8 module
• DIL8 socket to ease programming of the STM8 MCU
• On-board ST-LINK/V2 debugger/programmer
• Comprehensive free software libraries and examples
• Support of a wide choice of Integrated Development Environments (IDEs) including
Cosmic, IAR™, Raisonance, iSYSTEM and STMicroelectronics
2
Product marking
Evaluation tools marked as ‘ES’ or ‘E’ are not yet qualified and therefore they are not ready
to be used as reference design or in production. Any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of
these engineering sample tools as reference design or in production.
‘E’ or ‘ES’ marking examples of location:
•
On the targeted STM8 that is soldered on the board (for illustration of STM8 marking,
refer to the section ‘Package information’ of the STM8 datasheet at www.st.com).
•
Next to the evaluation tool ordering part number, that is stuck or silkscreen printed on
the board
3
System requirements
• Windows® OS (7, 8 and 10)
• USB Type-A to Micro-B cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com