Electronic Components Datasheet Search
  English  ▼

X  

UM2339 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 16Page - STMicroelectronics UM2339 Datasheet HTML 17Page - STMicroelectronics UM2339 Datasheet HTML 18Page - STMicroelectronics UM2339 Datasheet HTML 19Page - STMicroelectronics UM2339 Datasheet HTML 20Page - STMicroelectronics UM2339 Datasheet HTML 21Page - STMicroelectronics UM2339 Datasheet HTML 22Page - STMicroelectronics UM2339 Datasheet HTML 23Page - STMicroelectronics UM2339 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Figure 6. STM8L001J3M3 module
48
STM8L001J3 module
Title:
Size:
Reference:
Sheet:
of
A4
Revision:
Project: STM8 SO8 Discovery
MB1383
A02
11-DEC-17
Default
Date:
-
Variant:
VDD
VDD
100nF
C7
STM8L001J3_USER_B
STM8L001J3_USER_LED
STM8L001J3_T_SWIM
STM8L001J3M3
PA0/PC3/PC4
1
PA2/PA4/PA6
2
VSS
3
VDD
4
PB3/PB5/PD0
5
PB6
6
PB7/PC0
7
PC1/PC2
8
U7
DIL8-LYCONN--7.40X1.83
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
U5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com