Electronic Components Datasheet Search
  English  ▼

X  

UM2339 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 8Page - STMicroelectronics UM2339 Datasheet HTML 9Page - STMicroelectronics UM2339 Datasheet HTML 10Page - STMicroelectronics UM2339 Datasheet HTML 11Page - STMicroelectronics UM2339 Datasheet HTML 12Page - STMicroelectronics UM2339 Datasheet HTML 13Page - STMicroelectronics UM2339 Datasheet HTML 14Page - STMicroelectronics UM2339 Datasheet HTML 15Page - STMicroelectronics UM2339 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Hardware layout and configuration
UM2339
12/26
UM2339 Rev 1
7.3
Power supply (CN3)
The STM8-SO8-DISCO is designed to be powered using the ST-LINK/V2 USB connector
CN3.
7.4
LEDs (LD1 and LD2)
The STM8-SO8-DISCO features a user LED (LD1) connected to the pin 5 of the DIL8
module. To light on this LED, a high logic state must be output on the corresponding STM8
GPIO.
The tricolor LED (green, orange, red) LD2 (COM) provides information about ST-LINK
communication status:
•
Slow blinking Red/Off: at power-on before USB initialization
•
Fast blinking Red/Off: after the first correct communication between the PC and
ST-LINK/V2 (enumeration)
•
Red LED On: when the initialization between the PC and ST-LINK/V2-1 is complete
•
Green LED On: after a successful target communication initialization
•
Blinking Red/Green: during communication with target
•
Green On: communication finished and successful
•
Orange On: Communication failure
7.5
Push-button (B1)
The STM8-SO8-DISCO offers a user push-button (B1) connected to pin 7 of the DIL8
module. To retrieve the push-button state, the firmware must read the corresponding STM8
GPIO.
The use of the push-button depends on the STM8 device firmware.
Table 5. User LED port assignment
Selected STM8 device
GPIO assigned to user LED
STM8S001J3M3 (U2)
PA3/PB5
STM8L001J3M3 (U7)
PB3/PB5/PD0
STM8L050J3M3 (U10)
Table 6. User push-button port assignment
Selected STM8 device
GPIO assigned to user push-button
STM8S001J3M3 (U2)
PC3/PC4/PC5
STM8L001J3M3 (U7)
PB7/PC0
STM8L050J3M3 (U10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com