Electronic Components Datasheet Search
  English  ▼

X  

UM2339 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 6Page - STMicroelectronics UM2339 Datasheet HTML 7Page - STMicroelectronics UM2339 Datasheet HTML 8Page - STMicroelectronics UM2339 Datasheet HTML 9Page - STMicroelectronics UM2339 Datasheet HTML 10Page - STMicroelectronics UM2339 Datasheet HTML 11Page - STMicroelectronics UM2339 Datasheet HTML 12Page - STMicroelectronics UM2339 Datasheet HTML 13Page - STMicroelectronics UM2339 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Hardware layout and configuration
UM2339
10/26
UM2339 Rev 1
7.2
Embedded ST-LINK/V2
The ST-LINK/V2 programming and debugging tool is integrated on the STM8-SO8-DISCO
board.
The embedded ST-LINK/V2 can be used in 3 different ways:
•
Program/debug one on-board STM8 device by selecting it using the corresponding
solder bridges
•
Program/debug a STM8 device mounted on a DIL8 module plugged to the socket U3
•
Program/debug an external STM8 device mounted on a user application board using a
cable connected to SWIM connector (CN1)
The embedded ST-LINK/V2 supports only SWIM for STM8 devices. For information about
debugging and programming features refer to ST-LINK/V2 in-circuit debugger/programmer
for STM8 and STM32 User manual (UM1075), which describes in details all the ST-LINK/V2
features.
7.2.1
Using the ST-LINK/V2 to program/debug one on-board STM8 device
To program/debug one of the on-board STM8 device, solder bridges must be configured as
detailed in below table. In addition, no DIL8 module must be present on the socket U3 and
no external target must be connected to CN1.
Note:
Practically, only SB1, SB4 and SB7 are used to redirect the SWIM signal to the selected
STM8 device. But to prevent conflict on GPIOs used for the user push-button and LED, it is
preferable to also configure others solder bridges.
7.2.2
Using the ST-LINK/V2 to program/debug a STM8 device on a DIL8
module
To program/debug a STM8 device mounted on a DIL8 module plugged to the socket U3, it is
required to set all solder bridges OFF (SB1 to SB9) and no external target must be
connected to CN1. The DIL8 socket pinout is detailedTable 3.
Table 2. Selecting one on-board STM8
Selected STM8 device
Solder Bridge ON
Solder Bridge OFF
STM8S001J3M3 (U2)
SB1, SB2, SB3
SB4, SB5, SB6, SB7, SB8, SB9
STM8L001J3M3 (U7)
SB4, SB5, SB6
SB1, SB2, SB3, SB7, SB8, SB9
STM8L050J3M3 (U10)
SB7, SB8, SB9
SB1, SB2, SB3, SB4, SB5, SB6
Table 3. DIL8 socket (U3) pinout
Pin number
Pin name
Description
1
GPIO1/SWIM
Serial wire interface module (SWIM)
2
GPIO2
Not connected
3
GND
Ground
4
VDD
Power supply (+3.3 V)
5
GPIO3/LED
User LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com