Electronic Components Datasheet Search
  English  ▼

X  

UM2339 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM2339
Description  Discovery kit with STM8S001J3M3, STM8L001J3M3 and STM8L050J3M3 MCUs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2339 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM2339 Datasheet HTML 7Page - STMicroelectronics UM2339 Datasheet HTML 8Page - STMicroelectronics UM2339 Datasheet HTML 9Page - STMicroelectronics UM2339 Datasheet HTML 10Page - STMicroelectronics UM2339 Datasheet HTML 11Page - STMicroelectronics UM2339 Datasheet HTML 12Page - STMicroelectronics UM2339 Datasheet HTML 13Page - STMicroelectronics UM2339 Datasheet HTML 14Page - STMicroelectronics UM2339 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
UM2339 Rev 1
11/26
UM2339
Hardware layout and configuration
25
Note:
When plugging the DIL8 module to the socket, please pay attention to the pin 1.
7.2.3
Using the ST-LINK/V2 to program/debug an external STM8 device
To program/debug an external STM8 device mounted on a user application, it is required to
set all solder bridges OFF (SB1 to SB9) and to remove any DIL8 module from the socket
U3.
The user application must be connected to the STM8-SO8-DISCO using the SWIM
connector (CN1).
Note:
This program/debug connector is only 3.3 V compliant.
7.2.4
Driver
Before connecting the STM8-SO8-DISCO board to a Windows PC via USB, a driver for the
ST-LINK/V2 must be installed. It can be downloaded from the www.st.com website.
In case the STM8-SO8-DISCO board is connected to the PC before installing the driver, the
PC device manager may report the interface as ‘Unknown’.
To recover from this situation, after installing the dedicated driver, the association of the
‘Unknown’ USB device found on the STM8-SO8-DISCO board to this dedicated driver, must
be updated in the device manager manually.
7.2.5
ST-LINK/V2 firmware upgrade
The ST-LINK/V2 embeds a firmware upgrade mechanism for in-situ upgrade through the
USB port. As the firmware may evolve during the life time of the ST-LINK/V2 product (for
example new functionality, bug fixes, support for new microcontroller families), it is
recommended to visit www.st.com website before starting to use the STM8-SO8-DISCO
board and periodically, in order to stay up-to-date with the latest firmware version.
6
GPIO4
Not connected
7
GPIO5/BP
User push-button
8
GPIO6
Not connected
Table 3. DIL8 socket (U3) pinout (continued)
Pin number
Pin name
Description
Table 4. External SWIM connector (CN1) pinout
Pin number
Pin name
Description
1
NC
Not connected
2
SWIM
Serial wire interface module
3
VSS
Ground
4
NRST
Reset of STM8 device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com