Electronic Components Datasheet Search
  English  ▼

X  

ESP8089 Datasheet(PDF) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 7 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
"
2. Pin Definition
10
MTDI
I/O
GPIO12
11
VDDPST
P
Digital/IO Power Supply (1.8V ~ 3.3V)
12
MTCK
I/O
GPIO13
13
MTDO
I/O
GPIO15
14
GPIO2
I/O
GPIO2
15
GPIO0
I/O
GPIO0
16
GPIO4
I/O
GPIO4
17
VDDPST
P
Digital/IO Power Supply (1.8V ~ 3.3V)
18
SDIO_DATA_2
I/O
SDIO
19
SDIO_DATA_3
I/O
SDIO
20
SDIO_CMD
I/O
SDIO
21
SDIO_CLK
I/O
SDIO
22
SDIO_DATA_0
I/O
SDIO
23
SDIO_DATA_1
I/O
SDIO
24
GPIO5
I/O
GPIO5
25
U0RXD
I/O
UART
26
U0TXD
I/O
UART
27
XTAL_OUT
I/O
Connect to crystal oscillator output, can be used to provide BT clock
input
28
XTAL_IN
I/O
Connect to crystal oscillator input
29
VDDD
P
Analog Power 2.5V ~ 3.6V
30
VDDA
P
Analog Power 2.5V ~ 3.6V
31
RES12K
I
Serial connection with a 12 kΩ resistor and connect to the ground
32
EXT_RSTB
I
External reset signal (Low voltage level: Active)
Pin
Name
Type
Function
Espressif
" /16
4
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com