Electronic Components Datasheet Search
  English  ▼

X  

ESP8089 Datasheet(PDF) 11 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 11 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
"
3. Functional Description
•
carrier leakage
•
I/Q phase matching
•
baseband nonlinearities
This reduces the amount of time and test equipment required for production testing.
3.5.4. Clock Generator
The clock generator produces quadrature 2.4 GHz clock signals for the receiver and
transmitter. All components of the clock generator are integrated on-chip, including:
•
inductor
•
varactor
•
loop filter
The clock generator has built-in calibration and self-test circuits. Quadrature clock phases
and phase noise are optimized on-chip with patented calibration algorithms to ensure the
best receiver and transmitter performance.
3.6. Bluetooth Co-Existence
ESP8089 features pre-assigned pins for BT/Wi-Fi co-existence and BT clock-request.
These pins act as the interface to a BT system to facilitate traffic arbitration between the
two systems. The control system is in firmware and supports various standards or
proprietary co-existence protocols.
3.7. Power Management
The chip can be put into the following states:
Espressif
" /"
8 17
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com