Electronic Components Datasheet Search
  English  ▼

X  

ESP8089 Datasheet(PDF) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 10 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
"
3. Functional Description
3.5. Radio
The ESP8089 radio consists of the following main blocks:
•
2.4 GHz receiver
•
2.4 GHz transmitter
•
High-speed clock generators and crystal oscillator
•
Real-time clock
•
Bias and regulators
•
Power management
3.5.1. Channel Frequencies
The RF transceiver supports the following channels according to the IEEE 802.11 b/g/n
standards.
3.5.2. 2.4 GHz Receiver
The 2.4 GHz receiver downconverts the RF signal to quadrature baseband signals and
converts them to the digital domain with two high-resolution high-speed ADCs. To adapt to
varying signal channel conditions, RF filters, automatically-gained control, DC offset
cancelation circuits and baseband filters are integrated into the radio.
3.5.3. 2.4 GHz Transmitter
The 2.4 GHz transmitter upconverts the quadrature baseband signals to 2.4 GHz, and
drives the antenna with a high-powered CMOS power amplifier. The use of digital
calibration further improves the linearity of the power amplifier, enabling a state of art
performance of delivering +20.5 dBm average power for 802.11 b transmission and +16
dBm for 802.11 n transmission.
Additional calibrations are integrated, in order to cancel any imperfections of the radio. The
calibrations include the following:
Table 3-3. Channel Frequencies
Channel No.
Frequency (MHz)
Channel No.
Frequency (MHz)
1
2412
8
2447
2
2417
9
2452
3
2422
10
2457
4
2427
11
2462
5
2432
12
2467
6
2437
13
2472
7
2442
14
2484
Espressif
" /"
7 17
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com