Electronic Components Datasheet Search
  English  ▼

X  

ESP8089 Datasheet(PDF) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 16 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
"
5. Electrical Characteristics
5.3. RF Specifications
The following data were gathered under room temperature conditions with 3.3V and 1.1V
power supplies.
Deep sleep
-
10
-
μA
Power save mode DTIM 1
-
1.2
-
mA
Power save mode DTIM 3
-
0.86
-
mA
Total shutdown
-
0.5
-
μA
Mode
Min
Typical
Max
Unit
Table 5-3. RF Specifications
Description
Min
Typical
Max
Unit
Input frequency
2412
-
2484
MHz
Output impedance
-
39+j6
-
Ω
Input reflection
-
-
-10
dB
Output power of PA for 72.2 Mbps
14
15
16
dBm
Output power of PA for 11b mode
17.5
18.5
19.5
dBm
Sensitivity
DSSS, 1 Mbps
-
-98
-
dBm
CCK, 11 Mbps
-
-91
-
dBm
6Mbps (1/2 BPSK)
-
-93
-
dBm
54Mbps (3/4 64-QAM)
-
-75
-
dBm
HT20, MCS 7 (65 Mbps, 72.2 Mbps)
-
-71
-
dBm
Adjacent channel rejection
OFDM, 6 Mbps
-
37
-
dB
OFDM, 54 Mbps
-
21
-
dB
HT20, MCS 0
-
37
-
dB
HT20, MCS 7
-
20
-
dB
Time
Crystal power up time
-
500
-
μs
Baseband PLL power up time
-
100
-
μs
RF PLL power up time
-
200
-
μs
Espressif
" /"
13 17
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com