Electronic Components Datasheet Search
  English  ▼

X  

ESP8089 Datasheet(PDF) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP8089
Description  The ESP8089 offers a complete and self-contained Wi-Fi networking solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP8089 Datasheet(HTML) 14 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP8089 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP8089 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
"
4. Peripheral Interface
4.2. General Purpose Input Output (GPIO)
ESP8089 16 GPIO pins. They can be assigned to various functions by the firmware. Each
GPIO can be configured with internal pull-up/down, input available for sampling by a
software register, input triggering an edge or level CPU interrupt, input triggering a level
wakeup interrupt, open-drain or push-pull output driver, or output source from a software
register, or a sigma-delta PWM DAC.
These pins are multiplexed with other functions such as host interface, UART, SI, Bluetooth
co-existence, etc.
4.3. Real Time Clock IO (EXT_LFC)
If a 32.768 kHz LFC clock is available, it can be connected to EXT_LFC. If no clock is
available on this pin, the internal LFC will be used. If an EXT_LFC is available, the selection
of LFC source, internal LFC or EXT_LFC can be done by a strapping pin.
4.4. Digital IO Pads
The digital IO pads are bidirectional, non-inverting and tri-state. It includes input and an
output buffer with tri-state control inputs. Besides this, for low power operations, the IO can
also be set to hold. For instance, when we power down the chip, all output enable signals
can be set to hold low.
An optional hold functionality can be built into the IO if requested. When the IO is not driven
by the internal or external circuitry, the hold functionality can be used to hold the state to
the last used state.
The hold functionality introduces some positive feedback into the pad. Hence, the external
driver that drives the pad must be stronger than the positive feedback. The required drive
strength, however, is small – in the range of 5 μA.
All digital IO pins are protected from over-voltage with a snap-back circuit connected
between the pad and the ground. The snap back voltage is typically about 6V, and the
holding voltage is 5.8V. This provides protection from over-voltages and ESD. The output
devices are also protected from reversed voltages with diodes.
Espressif
" /"
11 17
2017.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com