Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/29/02
www.monolithicpower.com
3
Monolithic Power Systems
Figure 2: Functional Block Diagram
Σ
40/400KHz
Oscillator
Slope
Compensation
1.8V
Current
Comparator
Internal
Regulators
2
1uA
2.30/2.53V
0.7V
7
Shutdown
Comparator
Lockout
Comparator
3
4
M2
M1
6
1.22V
5
Error Amplifier
gm= 630uA/Volt
IN
EN
COMP
FB
GND
SW
BS
1
0.7V
Frequency
Foldback
Comparator
5V
CLK
S
R
Q
Q
Current
Sense
Amplifier
Pin Description
#
Name
Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side n-channel MOSFET switch.
Connect a 0.1µF or greater capacitor from SW to BS to power the high-side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN
with a 4.75V to 15V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise
on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect the
output LC filter from SW to the output load. Note that a capacitor is required from SW to BS to power
the high-side switch.
4
GND
Ground.
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a resistive
voltage divider from the output voltage. The feedback threshold is 1.22V. See Setting the Output
Voltage
.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a series RC
network from COMP to GND to compensate the regulation control loop. See Compensatiionr.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the
regulator, drive it low to turn it off. For automatic startup, leave EN unconnected.
8
N/C
No Connect
BS 1
2
3
4
5
6
7
8
IN
SW
GND
N/C
EN
COMP
FB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com