Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/29/02
www.monolithicpower.com
4
Monolithic Power Systems
Functional Description
The MP1410 is a current-mode step-down
switch-mode regulator.
It regulates input
voltages from 4.75V to 15V down to an output
voltage as low as 1.22V, and is able to supply
up to 2A of load current.
The MP1410 uses current-mode control to
regulate the output voltage.
The output
voltage is measured at FB through a resistive
voltage divider and amplified through the
internal error amplifier. The output current of
the
transconductance
error
amplifier
is
presented
at
COMP
where
a
network
compensates the regulation control system.
The voltage at COMP is compared to the
switch current measured internally to control
the output voltage.
The converter uses an internal n-channel
MOSFET switch to step-down the input
voltage to the regulated output voltage. Since
the MOSFET requires a gate voltage greater
than the input voltage, a boost capacitor
connected between SW and BS drives the
gate. The capacitor is internally charged while
the switch is off. An internal 10Ω switch from
SW to GND is used to insure that SW is pulled
to GND when the switch is off to fully charge
the BS capacitor.
Application Information
Setting the Output Voltage
The output voltage is set using a resistive
voltage divider from the output voltage to FB.
The voltage divider divides the output voltage
down by the ratio:
VFB = VOUT * R2 / (R1 + R2).
Thus the output voltage is:
VOUT = 1.222 * (R1 + R2) / R2.
A typical value for R2 can be as high as 100k,
but a typical value is 10kΩ. Using that value,
R1 is determined by:
R1 ~= 8.18 * (VOUT – 1.222) (kΩ).
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 17kΩ.
Input Capacitor
The input current to the step-down converter is
discontinuous, and so a capacitor is required
to supply the AC current to the step-down
converter while maintaining the DC input
voltage.
A low-ESR capacitor is required to keep the
noise at the IC to a minimum. Ceramic
capacitors are preferred, but tantalum or low-
ESR electrolytic capacitors may also suffice.
The input capacitor value should be greater
than 10µF. The capacitor can be electrolytic,
tantalum or ceramic. However since it absorbs
the input switching current it requires an
adequate ripple current rating.
Its RMS
current
rating
should
be
greater
than
approximately 1/2 of the DC load current.
For insuring stable operation CIN should be
placed as close to the IC as possible.
Alternately a smaller high quality ceramic
0.1uF capacitor may be placed closer to the IC
and a larger capacitor placed further away. If
using this technique, it is recommended that
the larger capacitor be a tantalum or
electrolytic type. All ceramic capacitors should
be places close to the MP1410.
Output Capacitor
The output capacitor is required to maintain
the DC output voltage. Low ESR capacitors
are preferred to keep the output voltage ripple
low.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com