Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/29/02
www.monolithicpower.com
6
Monolithic Power Systems
Application Information (Continued)
This should be approximately one-fifth of the
switching frequency or approximately fC =
75kHz. This and the loop gain determines the
frequency of the dominant pole, fP1 = fC / AVL.
The dominant pole occurs when GM / 2* π * fP1
* CC = AEA, where GM is the error amplifier
transconductance.
This
CC
can
be
determined by:
CC ~= 306 * AVL / fC ~= 6.8 / ILOAD(MAX) (nF).
The zero of the compensation network is
determined by the compensation resistor RC.
RC should be at the same frequency as the
pole due to the output capacitor and the load
resistor. Or:
RC * CC = RL * COUT
Solving for RC:
RC = RL * COUT / CC = VOUT * COUT / ILOAD(MAX) * CC
If non-ceramic capacitors are used, the second
compensation
capacitor
is
required
to
compensate for the zero formed from the
capacitor
and
its
ESR.
The
second
compensation capacitor can be determined by:
RC * CCA = COUT * RESR
Solving for CCA:
CCA = COUT * RESR / RC.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage.
A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series resistance, and/or
lower saturation current. Choose an inductor
that will not saturate under the worst-case load
conditions.
Table 2 provides a list of manufacturer’s and
their websites.
Table 2: Inductor Manufacturers
#
Manufacturer
Website
1
Sumida Corporation
www.sumida.com
2
Toko, Inc.
www.toko.com
3
Coilcraft, Inc.
www.coilcraft.com
A good rule for determining the inductance to
use, is to allow the peak-to-peak ripple current
in the inductor to be approximately 30% of the
maximum load current. Also, make sure that
the peak inductor current (the load current plus
half the peak-to-peak inductor ripple current) is
below the 2.4A minimum current limit.
The inductance value can be calculated by the
equation:
L = (VOUT) * (VIN-VOUT) / VIN * f * ∆I
Where VOUT is the output voltage, VIN is the
input voltage, f is the switching frequency, and
∆I is the peak-to-peak inductor ripple current.
Table 3 gives a list of inductors for the various
inductor manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com