Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/29/02
www.monolithicpower.com
1
Monolithic Power Systems
General Description
The MP1410 is a monolithic step-down switch-
mode regulator with a built in internal Power
MOSFET. It achieves 2A continuous output
current over a wide input supply range with
excellent load and line regulation.
Current mode operation provides fast transient
response and eases loop stabilization.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown. In
shutdown mode the regulator draws 25µa of
supply current.
The MP1410 requires a minimum number of
readily available standard external components.
Ordering Information
Part Number * Package
Temperature
MP1410ES
SOIC 8 pin
-20 to +85 °C
MP1410EP
PDIP 8 pin
-20 to +85 °C
EV0012
Evaluation Board
* For Tape & Reel use suffix - Z (e.g. MP1410ES-Z)
Features
2A Output Current
0.18Ω Internal Power MOSFET Switch
Stable with Low ESR Output Ceramic
capacitors
Up to 95% Efficiency
20uA Shutdown Mode
Fixed 380kHz frequency
Thermal Shutdown
Cycle-by-cycle over current protection
Wide 4.75 to 15V operating input range
Output Adjustable from 1.22 to 13V
Programmable under voltage lockout
Available in 8 pin SO
Evaluation Board Available
Applications
PC Monitors
Distributed Power Systems
Battery Charger
Pre-Regulator for Linear Regulators
Figure 1: Typical Application Circuit
70
75
80
85
90
95
0
0 .5
1
1 .5
2
Out put Current ( A)
5.0V
3.3V
2.5V
4.75 to 15V
INPUT
ENABLE
SHUTDOWN
OUTPUT
2.5V/2A
MP1410
Efficiency versus Output
Current and Voltage. VIN=10V


Similar Part No. - MP1410

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP1410 ETC-MP1410 Datasheet
38Kb / 2P
The Compaq projector designed to fit any budget
logo
M-System Co.,Ltd.
MP1410-0-FH MSYSTEM-MP1410-0-FH Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FR MSYSTEM-MP1410-0-FR Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FT MSYSTEM-MP1410-0-FT Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
MP1410-0-FV MSYSTEM-MP1410-0-FV Datasheet
88Kb / 4P
RTD INPUT LIMIT ALARM
More results

Similar Description - MP1410

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD Datasheet
185Kb / 14P
2A SWITCH STEP DOWN SWITCHING REGULATOR
Rev. 3
logo
Anpec Electronics Corop...
APW1173 ANPEC-APW1173 Datasheet
444Kb / 21P
2A SWITCH STEP DOWN SWITCHING REGULATOR
logo
Aimtron Technology
AT1799 AIMTRON-AT1799 Datasheet
348Kb / 14P
2A Step-Down Voltage Regulator
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
logo
Intersil Corporation
EL7532 INTERSIL-EL7532_06 Datasheet
212Kb / 8P
Monolithic 2A Step-Down Regulator
December 8, 2006
logo
Monolithic Power System...
EV0007 MPS-EV0007 Datasheet
221Kb / 4P
2A MP1580 Step Down Switch Mode Converter
logo
STMicroelectronics
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
2A switch step down switching regulator
16-Oct-2007
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
2A Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com