Electronic Components Datasheet Search
  English  ▼

X  

MP1410 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP1410
Description  2A Step-Down Switch-Mode Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1410 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP1410 Datasheet HTML 1Page - Monolithic Power Systems MP1410 Datasheet HTML 2Page - Monolithic Power Systems MP1410 Datasheet HTML 3Page - Monolithic Power Systems MP1410 Datasheet HTML 4Page - Monolithic Power Systems MP1410 Datasheet HTML 5Page - Monolithic Power Systems MP1410 Datasheet HTML 6Page - Monolithic Power Systems MP1410 Datasheet HTML 7Page - Monolithic Power Systems MP1410 Datasheet HTML 8Page - Monolithic Power Systems MP1410 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MP1410
2A Step-Down
Switch-Mode Regulator
PRELIMINARY
MP1410 Rev 1.0_ 05/22/02
www.monolithicpower.com
7
Monolithic Power Systems
Table 3: Inductor Selection Guide
Vendor/Model
Value
(uH)
Max
IDC (A)
Max
DCR (Ω)
Core
Type
Core
Material
Package Dimensions
(mm)
W
L
H
Sumida
CR75
10
2.3
0.070
Open
Ferrite
7.0
7.8
5.5
CR75
15
1.8
0.090
Open
Ferrite
7.0
7.8
5.5
CR75
22
1.5
0.110
Open
Ferrite
7.0
7.8
5.5
CDH74
10
2.75
0.056
Open
Ferrite
7.3
8.0
5.2
CDH74
15
2.1
0.083
Open
Ferrite
7.3
8.0
5.2
CDH74
22
1.7
0.130
Open
Ferrite
7.3
8.0
5.2
CDRH5D28
6.8
1.6
0.053
Shielded
Ferrite
5.5
5.7
5.5
CDRH5D28
10
1.3
0.065
Shielded
Ferrite
5.5
5.7
5.5
CDRH5D28
15
1.1
0.103
Shielded
Ferrite
5.5
5.7
5.5
CDRH6D28
6.8
2.3
0.031
Shielded
Ferrite
6.7
6.7
3.0
CDRH6D28
10
1.7
0.065
Shielded
Ferrite
6.7
6.7
3.0
CDRH6D28
15
1.6
0.057
Shielded
Ferrite
6.7
6.7
3.0
CDRH6D28
22
1.3
0.096
Shielded
Ferrite
6.7
6.7
3.0
CDRH6D38
6.8
2.3
0.031
Shielded
Ferrite
6.7
6.7
4.0
CDRH6D38
10
2.0
0.038
Shielded
Ferrite
6.7
6.7
4.0
CDRH6D38
15
1.6
0.057
Shielded
Ferrite
6.7
6.7
4.0
CDRH6D38
22
1.3
0.096
Shielded
Ferrite
6.7
6.7
4.0
CDRH104R
6.8
4.8
0.027
Shielded
Ferrite
10.1
10.0
3.0
CDRH104R
10
4.4
0.035
Shielded
Ferrite
10.1
10.0
3.0
CDRH104R
15
3.6
0.050
Shielded
Ferrite
10.1
10.0
3.0
CDRH104R
22
2.9
0.073
Shielded
Ferrite
10.1
10.0
3.0
Toko
D53LC Type A
6.8
2.01
0.068
Shielded
Ferrite
5.0
5.0
3.0
D53LC Type A
10
1.77
0.090
Shielded
Ferrite
5.0
5.0
3.0
D53LC Type A
15
1.40
0.142
Shielded
Ferrite
5.0
5.0
3.0
D53LC Type A
22
1.15
0.208
Shielded
Ferrite
5.0
5.0
3.0
D75C
6.8
1.79
0.050
Shielded
Ferrite
7.6
7.6
5.1
D75C
10
1.63
0.055
Shielded
Ferrite
7.6
7.6
5.1
D75C
15
1.33
0.081
Shielded
Ferrite
7.6
7.6
5.1
D75C
22
1.09
0.115
Shielded
Ferrite
7.6
7.6
5.1
D104C
10
4.3
0.0265
Shielded
Ferrite
10.0
10.0
4.3
D104C
16
3.3
0.0492
Shielded
Ferrite
10.0
10.0
4.3
D104C
22
2.5
0.0265
Shielded
Ferrite
10.0
10.0
4.3
D10FL
10
2.26
0.051
Open
Ferrite
9.7
11.5
4.0
D10FL
15
2.00
0.066
Open
Ferrite
9.7
11.5
4.0
D10FL
22
1.83
0.100
Open
Ferrite
9.7
11.5
4.0
Coilcraft
DO3308
10
2.4
0.030
Open
Ferrite
9.4
13.0
3.0
DO3308
15
2.0
0.040
Open
Ferrite
9.4
13.0
3.0
DO3308
22
1.6
0.050
Open
Ferrite
9.4
13.0
3.0
DO3316
10
3.8
0.030
Open
Ferrite
9.4
13.0
5.1
DO3316
15
3.0
0.040
Open
Ferrite
9.4
13.0
5.1
DO3316
22
2.6
0.050
Open
Ferrite
9.4
13.0
5.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com