Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 3 Page - Texas Instruments

  TMCS1100 Datasheet HTML 1Page - Texas Instruments TMCS1100 Datasheet HTML 2Page - Texas Instruments TMCS1100 Datasheet HTML 3Page - Texas Instruments TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
1
IN+
8
VS
2
IN+
7
VOUT
3
IN±
6
VREF
4
IN±
5
GND
Not to scale
3
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Linear range limited by swing to supply and ground.
(2)
Current levels must remain below both allowable continuous DC/RMS and transient peak current safe operating areas to not exceed
device thermal limits. See Safe Operating Area section.
5 Device Comparison Table
PRODUCT
SENSITIVITY
BIDIRECTIONAL LINEAR MEASUREMENT
RANGE, VREF = VS / 2
(1)
UNIDIRECTIONAL LINEAR MEASUREMENT
RANGE, VREF = VGND
(1)
ΔVOUT / ΔIIN+, IN–
VS = 5 V
VS = 3.3 V
VS = 5 V
VS = 3.3 V
TMCS1100A1
50 mV/A
±46 A(2)
±29 A(2)
1 A to 96 A(2)
1 A to 62 A(2)
TMCS1100A2
100 mV/A
±23 A(2)
±14.5 A
0.5 A to 48 A(2)
0.5 A to 31 A(2)
TMCS1100A3
200 mV/A
±11.5 A
±7.25 A
0.25 A to 24 A(2)
0.25 A to 15.5 A
TMCS1100A4
400 mV/A
±5.75 A
--
0.125 A to 12 A
--
6 Pin Configuration and Functions
D Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
IN+
Analog input
Input current positive pin
2
IN+
Analog input
Input current positive pin
3
IN–
Analog input
Input current negative pin
4
IN–
Analog input
Input current negative pin
5
GND
Analog
Ground
6
VREF
Analog input
Zero current output voltage reference
7
VOUT
Analog output
Output voltage
8
VS
Analog
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com