Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 1 Page - Texas Instruments

  TMCS1100 Datasheet HTML 1Page - Texas Instruments TMCS1100 Datasheet HTML 2Page - Texas Instruments TMCS1100 Datasheet HTML 3Page - Texas Instruments TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Bridge Driver
Passive / PFC
Rectifier
DC V+
AC
DC V±
Controller
Current
Sense
Loads
TMCS1100
TMCS1100
TMCS1100
Current
Sense
Current
Sense
Control
Control
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMCS1100
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With ±600-V
Working Voltage
1
1 Features
1
•
Total error: ±0.4% typical, ±0.9% maximum,
–40ºC to 85ºC
–
Sensitivity error: ±0.4%
–
Offset error: 7 mA
–
Offset drift: 0.04 mA/ºC
–
Linearity error: 0.05%
•
Lifetime and environmental drift: <±0.5%
•
3-kVRMS isolation rating
•
Robust 600-V lifetime working voltage
•
Bidirectional and unidirectional current sensing
•
External reference voltage
•
Operating supply range: 3 V to 5.5 V
•
Signal bandwidth: 80 kHz
•
Multiple sensitivity options:
–
TMCS1100A1: 50 mV/A
–
TMCS1100A2: 100 mV/A
–
TMCS1100A3: 200 mV/A
–
TMCS1100A4: 400 mV/A
•
Safety related certifications (planned)
–
UL 1577 Component Recognition Program
–
IEC/CB 62368-1
2 Applications
•
Motor and load control
•
Inverter and H-bridge current measurements
•
Power factor correction
•
Overcurrent protection
•
DC and ac power monitoring
3 Description
The TMCS1100 is a galvanically isolated Hall-effect
current
sensor
capable
of
dc
or
ac
current
measurement with high accuracy, excellent linearity,
and temperature stability. A low-drift, temperature-
compensated signal chain provides < 1% full-scale
error across the device temperature range.
The input current flows through an internal 1.8-mΩ
conductor that generates a magnetic field measured
by an integrated Hall-effect sensor. This structure
eliminates
external
concentrators
and
simplifies
design. Low conductor resistance minimizes power
loss
and
thermal
dissipation.
Inherent
galvanic
insulation provides a 600-V lifetime working voltage
and 3-kVRMS basic isolation between the current path
and circuitry. Integrated electrical shielding enables
excellent
common-mode
rejection
and
transient
immunity.
The output voltage is proportional to the input current
with four sensitivity options. Fixed sensitivity allows
the TMCS1100 to operate from a single 3-V to 5.5-V
power supply, eliminates ratiometry errors, and
improves supply noise rejection. The current polarity
is considered positive when flowing into the positive
input pin. The VREF input pin provides a variable
zero-current output voltage, enabling bidirectional or
unidirectional current sensing.
The TMCS1100 draws a maximum supply current of
6 mA, and all sensitivity options are specified over the
operating temperature range of –40°C to +125°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMCS1100
SOIC (8)
4.90 mm × 3.90 mm
(1) For all available packages, see the package option addendum
at the end of the data sheet.
Typical Application


Similar Part No. - TMCS1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100 TI-TMCS1100 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1100A1 TI1-TMCS1100A1 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1100A1QDRQ1 TI-TMCS1100A1QDRQ1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
More results

Similar Description - TMCS1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMCS1100 TI1-TMCS1100 Datasheet
1,005Kb / 35P
TMCS1100 High-Precision, Isolated Current Sensor With External Reference
TMCS1101 TI1-TMCS1101_V01 Datasheet
1Mb / 48P
TMCS1101 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107 TI-TMCS1107 Datasheet
2Mb / 41P
TMCS1107 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
TMCS1108 TI-TMCS1108 Datasheet
2Mb / 40P
TMCS1108 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
TMCS1100-Q1 TI-TMCS1100-Q1 Datasheet
2Mb / 48P
TMCS1100-Q1 AEC-Q100, 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1101-Q1 TI-TMCS1101-Q1 Datasheet
2Mb / 47P
TMCS1101-Q1 AEC-Q100, 1.5% Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
TMCS1107-Q1 TI-TMCS1107-Q1 Datasheet
2Mb / 42P
TMCS1107-Q1 AEC-Q100, 3% Basic Isolation Hall-Effect Current Sensor With 짹420-V Working Voltage
JULY 2021
TMCS1108-Q1 TI-TMCS1108-Q1 Datasheet
2Mb / 40P
TMCS1108-Q1 AEC-Q100, 3% Functional Isolation Hall-Effect Current Sensor With 짹100-V Working Voltage
JULY 2021
TMCS1123 TI1-TMCS1123 Datasheet
1Mb / 35P
TMCS1123 Precision Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
JULY 2023
TMCS1133 TI-TMCS1133 Datasheet
2Mb / 36P
TMCS1133 Precision 1 MHz Hall-Effect Current Sensor With ±1100V Reinforced Isolation Working Voltage, Overcurrent Detection and Ambient Field Rejection
OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com