Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 5 Page - Texas Instruments

  TMCS1100 Datasheet HTML 1Page - Texas Instruments TMCS1100 Datasheet HTML 2Page - Texas Instruments TMCS1100 Datasheet HTML 3Page - Texas Instruments TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
TMCS1100
www.ti.com
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.5 Power Ratings
VS = 5.5 V, VREF = GND, TA = 125℃, TJ = 150℃, device soldered on TMCS1100EVM.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
673
mW
PD1
Maximum power dissipation (current input, side-
1)
IIN = 16 A
640
mW
PD2
Maximum power dissipation by (side-2)
VS = 5.5 V, IQ = 6mA, no VOUT load
33
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com