Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 4 Page - Texas Instruments

  TMCS1100 Datasheet HTML 1Page - Texas Instruments TMCS1100 Datasheet HTML 2Page - Texas Instruments TMCS1100 Datasheet HTML 3Page - Texas Instruments TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
4
TMCS1100
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VS
Supply voltage
GND – 0.3
6
V
Analog input
VREF
GND – 0.3
(VS) + 0.3
V
Analog output
VOUT
GND – 0.3
(VS) + 0.3
V
TJ
Junction temperature
–65
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
VIN+ and VIN– refer to the voltage at input current pins IN+ and IN–, relative to pin 5 (GND).
(2)
Input current safe operating area is constrained by junction temperature. Recommended condition based on the TMCS1100EVM. Input
current rating is derated for elevated ambient temperatures.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN+,VIN–
(1)
Input voltage
–600
600
VPK
VS
Operating supply voltage, TMCS1100A1-3
3
5
5.5
V
VS
Operating supply voltage, TMCS1100A4
4.5
5
5.5
V
TA
(2)
Operating free-air temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
(2)
Applies when device mounted on TMCS1100EVM. For more details, see the Safe Operating Area section.
7.4 Thermal Information
THERMAL METRIC(1)
TMCS1100(2)
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
36.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.7
°C/W
RθJB
Junction-to-board thermal resistance
9.6
°C/W
ΨJT
Junction-to-top characterization parameter
–0.1
°C/W
ΨJB
Junction-to-board characterization parameter
11.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com