Electronic Components Datasheet Search
  English  ▼

X  

TMCS1100 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMCS1100
Description  TMCS1100 1% High-Precision, Basic Isolation Hall-Effect Current Sensor With 짹600-V Working Voltage
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMCS1100 Datasheet HTML 4Page - Texas Instruments TMCS1100 Datasheet HTML 5Page - Texas Instruments TMCS1100 Datasheet HTML 6Page - Texas Instruments TMCS1100 Datasheet HTML 7Page - Texas Instruments TMCS1100 Datasheet HTML 8Page - Texas Instruments TMCS1100 Datasheet HTML 9Page - Texas Instruments TMCS1100 Datasheet HTML 10Page - Texas Instruments TMCS1100 Datasheet HTML 11Page - Texas Instruments TMCS1100 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
TMCS1100
SBOS820A – SEPTEMBER 2019 – REVISED JUNE 2020
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
(1)
Centered parameter based on TMCS1100EVM PCB layout. See Layout section. Device must be operated below maximum junction
temperature.
(2)
Lifetime and environmental drift specifications based on three lot AEC-Q100 qualification stress test results. Typical values are
population mean+1σ from worst case stress test condition. Min/max are tested device population mean±6σ; devices tested in AEC-Q100
qualification stayed within min/max limits for all stress conditions. See Lifetime and Environmental Stability section for more details.
(3)
Excludes effect of external magnetic fields. See the Accuracy Parameters section for details to calculate error due to external magnetic
fields.
(4)
RTI = referred-to-input. Output voltage is divided by device sensitivity to refer signal to input current. See the Parameter Measurement
Information section.
7.9 Electrical Characteristics
at TA = 25°C, VS = 5 V, VREF = 2.5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Sensitivity(1)
TMCS1100A1
50
mV/A
TMCS1100A2
100
mV/A
TMCS1100A3
200
mV/A
TMCS1100A4
400
mV/A
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= 25ºC
±0.2%
±0.7%
Sensitivity error, including lifetime and
environmental drift (2)
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= 25ºC
-0.47%
±1.02%
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+85ºC
±0.4%
±0.85%
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+125ºC
±0.5%
±1.15%
Nonlinearity error
VOUT = 0.5 V to VS – 0.5 V
±0.05%
VOE
Output voltage offset error(3)
TMCS1100A1
±0.4
±3
mV
TMCS1100A2
±0.6
±5
mV
TMCS1100A3
±0.8
±8
mV
TMCS1100A4
±2.2
±19
mV
Output voltage offset drift
TMCS1100A1, TA= –40ºC to +125ºC
±3.7
±12
µV/
℃
TMCS1100A2, TA= –40ºC to +125ºC
±4
±19
µV/
℃
TMCS1100A3, TA= –40ºC to +125ºC
±8.2
±35
µV/
℃
TMCS1100A4, TA= –40ºC to +125ºC
±26
±138
µV/
℃
IOS
Offset error, RTI(3)(4)
TMCS1100A1
±8
±60
mA
TMCS1100A2
±6
±50
mA
TMCS1100A3
±4
±40
mA
TMCS1100A4
±5.5
±47.5
mA
Offset error temperature drift, RTI(4)
TMCS1100A1, TA= –40ºC to +125ºC
±74
±240
µA/°C
TMCS1100A2, TA= –40ºC to +125ºC
±40
±190
µA/°C
TMCS1100A3, TA= –40ºC to +125ºC
±41
±175
µA/°C
TMCS1100A4, TA= –40ºC to +125ºC
±65
±345
µA/°C
PSRR
Power-supply rejection ratio
TMCS1100A1,A2,A3, VS = 3 V to 5.5 V, VREF =
VS/2, TA= –40ºC to +125ºC
±1
±2
mV/V
TMCS1100A4, VS = 4.5 V to 5.5 V, VREF =
VS/2, TA= –40ºC to +125ºC
±1
±3
mV/V
CMTI
Common mode transient immunity
50
kV/µs
CMRR
Common mode rejection ratio, RTI(4)
DC to 60Hz
5
uA/V
RVRR
Reference voltage rejection ratio, output
referred
VREF = 0.5 V to 4.5 V, TMCS1100A1,A2,A3
1
3.5
mV/V
VREF = 0.5 V to 4.5 V, TMCS1100A4
1.5
8
mV/V
Noise density, RTI(4)
TMCS1100A1
380
μA/√Hz
TMCS1100A2
330
μA/√Hz
TMCS1100A3
300
μA/√Hz
TMCS1100A4
225
μA/√Hz
INPUT
RIN
Input conductor resistance
IN+ to IN–
1.8
m
Ω
Input conductor resistance temperature drift
TA= –40ºC to +125ºC
4.4
μΩ/°C
G
Magnetic coupling factor
TA= 25ºC
1.1
mT/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com