Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214RGET Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214RGET
Description  CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE6214RGET Datasheet(HTML) 22 Page - Texas Instruments

Back Button CDCE6214RGET Datasheet HTML 18Page - Texas Instruments CDCE6214RGET Datasheet HTML 19Page - Texas Instruments CDCE6214RGET Datasheet HTML 20Page - Texas Instruments CDCE6214RGET Datasheet HTML 21Page - Texas Instruments CDCE6214RGET Datasheet HTML 22Page - Texas Instruments CDCE6214RGET Datasheet HTML 23Page - Texas Instruments CDCE6214RGET Datasheet HTML 24Page - Texas Instruments CDCE6214RGET Datasheet HTML 25Page - Texas Instruments CDCE6214RGET Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
fSSC_MOD
fnom
fupper
flower
Freque ncy
Time
± fSPRE AD
fSSC_MOD
fnom
fupper =
flower
Freque ncy
Time
fSPRE AD
Down-Spr ead
Center-Spr ead
22
CDCE6214
SNAS811 – JULY 2020
www.ti.com
Product Folder Links: CDCE6214
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
(1)
X signifies that this bitfield can take any value
(2)
For any other SSC spread and modulation rate, please contact TI representative.
The sigma delta modulator supports different order of MASH to shape the quantization noise. For Integer mode,
R27[1:0] is set as 0h. For fractional mode, it can be set to 1h, 2h or 3h for first, second and third order,
respectively.
In integer mode, PLL is configured in single-ended PFD configuration by setting R51[6]=1h. In Fractional mode,
PLL should be configured in Differential PFD configuration by setting R51[6]=0h. Further, R51[10] is set as 1h in
fractional mode and 0h in Integer mode.
9.3.2.2 Spread Spectrum Clocking
The energy of the harmonics from the rectangular clock signal can be spread over a certain frequency range.
This frequency deviation leads to lowered average amplitude of the harmonics. This can help to mitigate
electromagnetic interference (EMI) challenges in a system when the receiver supports this mode of operation.
The modulation shape is triangular.
The SSC clock is generated through the fractional-N PLL. When SSC is enabled, SSC clock is available on all
clock sourced from the PLL. Reference clock or PFD clock is available on the OUT1–OUT4 pins.
Down spread and center spread are supported. The following modes are supported.
•
PFD frequencies: Either 25 MHz or 50 MHz.
•
Down spread: –0.25% and ±0.5%
•
Center spread: ±0.25% and ±0.5%
Pre-configured settings are available to select any of these combinations.
Using these pre-configured settings, fmod of 31.5 kHz is synthesized for 100-MHz output clock.
Figure 25. Spread Spectrum Clock
Table 5. Spread Spectrum Settings (1) (2)
R41[15] - SSC_EN
R42[5] - SSC_TYPE
R42[3:1] - SSC_SEL
DESCRIPTION
0h
X
X
No SSC modulation at output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com