Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214RGET
Description  CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE6214RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE6214RGET Datasheet HTML 3Page - Texas Instruments CDCE6214RGET Datasheet HTML 4Page - Texas Instruments CDCE6214RGET Datasheet HTML 5Page - Texas Instruments CDCE6214RGET Datasheet HTML 6Page - Texas Instruments CDCE6214RGET Datasheet HTML 7Page - Texas Instruments CDCE6214RGET Datasheet HTML 8Page - Texas Instruments CDCE6214RGET Datasheet HTML 9Page - Texas Instruments CDCE6214RGET Datasheet HTML 10Page - Texas Instruments CDCE6214RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7
CDCE6214
www.ti.com
SNAS811 – JULY 2020
Product Folder Links: CDCE6214
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
General-Purpose Input Characteristics (continued)
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIL
Input low level current
VIL = GND, GPIO[2:3]
-5
5
µA
IIL
Input low level current
VIL = GND, GPIO[1], GPIO[4], PDN
-100
100
µA
dVIN/dT
Input slew rate
20% - 80%
0.5
V/ns
TPULSE_WIDT
H
Pulse width for correct operation
10
ns
RPU
Pullup Resistance
Pins PDN, GPIO[1], GPIO[4]
30
55
80
k
Ω
CIN
Pin Capacitance
10
pF
7.10 Triple Level Input Characteristics
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
Input high voltage
0.8 ×
VDD_REF
V
VIM
Input mid voltage
Float pin
0.41 ×
VDD_REF
0.5 ×
VDD_REF
0.58 ×
VDD_REF
V
VIL
Input low voltage
0.2 ×
VDD_REF
V
IIH
Input high level current
VIH = VDD_REF
20
50
100
µA
IIL
Input low level current
VIL = GND
-100
-50
-20
µA
7.11 Logic Output Characteristics
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Output high voltage
0.8 ×
VDD_REF
V
VOL
Output low voltage
0.2 ×
VDD_REF
V
(1)
The maximum allowable temperature drift for continuous lock: how far the temperature can drift in either direction from the value it was
at the time, when the On-Chip VCO was calibrated while the PLL stays in lock throughout the temperature drift. The internal VCO
calibration takes place: at device start-up, when the device is reset using the RESET pin and when REGISTER bit is changed. This
implies the device will work over the entire frequency range, but if the temperature drifts more than the 'maximum allowable temperature
drift for continuous lock', then it is necessary to re-calibrate the VCO, using the appropriate REGISTER bit, to ensure the PLL stays in
lock. Regardless of what temperature the part was initially calibrated at, the temperature can never drift outside the ambient temperature
range of -40° C to 105° C.
7.12 Phase Locked Loop Characteristics
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fPFD
Phase Detector Frequency
Integer and Fractional PLL mode
1
100
MHz
fVCO
Voltage Controlled Oscillator Frequency
2335
2625
MHz
fBW
Configurable closed-loop PLL Bandwidth
REF = 25 MHz
100
1600
kHz
KVCO
Voltage-Controlled Oscillator Gain
fVCO = 2.4 GHz
140
MHz/V
KVCO
Voltage-Controlled Oscillator Gain
fVCO = 2.5 GHz
175
MHz/V
|ΔTCL|
Allowable Temperature Drift for
Continuous Lock(1)
dT/dt
≤ 20 K / min
145
oC
fMAX-ERROR
Maximum frequency error with frac-N PLL
0.1
ppm
7.13 Closed-Loop Output Jitter Characteristics
VDD_VCO, VDDO_12, VDDO_34, VDD_REF = 1.8 V ± 5%, 2.5 V ± 5%, 3.3 V ± 5% and TA = -40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRJ_CL
RMS Phase Jitter
RMS jitter with spurs from 12 kHz to 20
MHz , Input Crystal = 25 MHz, Differential
OUTx > 100 MHz, int-PLL
350
600
fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com