Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214RGET Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214RGET
Description  CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE6214RGET Datasheet(HTML) 39 Page - Texas Instruments

Back Button CDCE6214RGET Datasheet HTML 35Page - Texas Instruments CDCE6214RGET Datasheet HTML 36Page - Texas Instruments CDCE6214RGET Datasheet HTML 37Page - Texas Instruments CDCE6214RGET Datasheet HTML 38Page - Texas Instruments CDCE6214RGET Datasheet HTML 39Page - Texas Instruments CDCE6214RGET Datasheet HTML 40Page - Texas Instruments CDCE6214RGET Datasheet HTML 41Page - Texas Instruments CDCE6214RGET Datasheet HTML 42Page - Texas Instruments CDCE6214RGET Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Processor
CNT1
PTP
TS
CNT1
CMP
CDCE6214
2.4576GHz
VCO
25MHz
XTAL
N Div
98.304
PFD
I
2C
(freq inc/dec by
< 1ppm steps)
PHY
MAC
Audio CODEC
Output
Divider
Output
Divider
39
CDCE6214
www.ti.com
SNAS811 – JULY 2020
Product Folder Links: CDCE6214
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
10.2 Typical Application
Figure 36 shows typical block diagram for eAVB system using CDCE6214.
Figure 36. eAVB System Block Diagram Using CDCE6214
10.2.1 Design Requirements
For designs with the CDCE6214, the designer must select:
•
a primary or secondary input
•
an input type
•
an input frequency
•
a device communication mode (I2C and/or EEPROM)
•
the required device operation modes to configure the connections of GPIO pins
•
a supply voltage (1.8 V, 2.5 V, or 3.3 V)
•
a digital reference (1.8 V, 2.5 V, or 3.3 V)
•
an output reference (1.8 V, 2.5 V, or 3.3 V)
•
an output format
10.2.2 Detailed Design Procedure
The CDCE6214 is designed for ease-of-use. To power up the device:
1. Either tie the power supply pin (VDD_REF, VDD_VCO, VDDO_12 and VDDO_34) together or independently
connect them to the 1.8-V, 2.5-V, or 3.3-V power supply.
2. Solder the GND Pin (DAP) to the PCB Plane.
3. Ensure that the REFSEL, HW_SW_CTRL, and PDN configuration pins are appropriately connected:
1. Internally connect the PDN pin to VDD_REF through a pullup resistor. When floating, the PDN pin would
automatically release device from PDN.
2. If PDN pin is low, the device will not respond to I2C commands.
3. REFSEL and HW_SW_CTRL are tri-level pins. If left floating, the device will start in fall-back mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com