Electronic Components Datasheet Search
  English  ▼

X  

CDCE6214RGET Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE6214RGET
Description  CDCE6214 Ultra-Low Power Clock Generator With One PLL, Four Differential Outputs, Two Inputs, and Internal EEPROM
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE6214RGET Datasheet(HTML) 29 Page - Texas Instruments

Back Button CDCE6214RGET Datasheet HTML 25Page - Texas Instruments CDCE6214RGET Datasheet HTML 26Page - Texas Instruments CDCE6214RGET Datasheet HTML 27Page - Texas Instruments CDCE6214RGET Datasheet HTML 28Page - Texas Instruments CDCE6214RGET Datasheet HTML 29Page - Texas Instruments CDCE6214RGET Datasheet HTML 30Page - Texas Instruments CDCE6214RGET Datasheet HTML 31Page - Texas Instruments CDCE6214RGET Datasheet HTML 32Page - Texas Instruments CDCE6214RGET Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29
CDCE6214
www.ti.com
SNAS811 – JULY 2020
Product Folder Links: CDCE6214
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
9.3.4 Power Supplies and Power Management
The CDCE6214 provides multiple power supply pins. Each of the power supplies supports 1.8 V, 2.5 V, or 3.3 V
individually. Internal low-dropout regulators (LDO) source the internal blocks and allow each pin to be supplied
with its individual supply voltage. The VDDREF pin supplies the control pins and the serial interface, therefore
any pullup resistors shall be connected to the same domain as VDDREF.
The device is very flexible with respect to internal power management. Each block offers a power-down bit and
can be disabled to save power when the block is not required. The available bits are illustrated in Table 15. The
bypass output Y0 is connected to the pdn_ch4 bit. Each output channel has a bit which should be adapted to the
applied supply voltage, ch[4:1]_1p8vdet.
Table 15. Power Management
VDDREF
VDDVCO
VDDO_12
VDDO_34
R0[1] - POWERDOWN
R0[1] - POWERDOWN
R0[1] - POWERDOWN
R0[1] - POWERDOWN
R5[8] - PLL_VCOBUFF_LDO_PD
R4[4] - CH1_PD
R4[6] - CH3_PD
R5[7] - PLL_VCO_LDO_PD
R4[5] - CH2_PD
R4[7] - CH4_PD
R5[6] - PLL_VCO_BUFF_PD
R5[5] - PLL_CP_LDO_PD
R5[4] - PLL_LOCKDET_PD
R5[3] - PLL_PSB_PD
R5[2] - PLL_PSA_PD
R5[1] - PLL_PFD_PD
R53[6] - PLL_NCTR_EN
R53[3] - PLL_CP_EN
9.3.5 Control Pins
The ultra-low power clock generator is controlled by multiple LVCMOS input pins.
HW_SW_CTRL pin acts as EEPROM page select. The CDCE6214 clock generator contains two pages of
configuration settings. The level of this pin is sampled after device power up. A low level selects page zero. A
high level selects page one. The HW_SW_CTRL pin is a tri-level input pin. This third voltage level is
automatically applied by an internal voltage divider. The mid-level is used to select an internal default where the
serial interface is enabled.
PDN/SYNCN (pin 8) , SCL (pin 12), and SDA (pin 19) have a secondary functionality and can act as general-
purpose inputs and outputs (GPIO). This means that either the serial interface or the GPIO functionality can be
active.
PDN/SYNCN resets the internal circuitry and is used in the initial power-up sequence. The pin can be
reconfigured to act as synchronization input. The differential outputs are kept in mute while SYNCN is low. When
SYNCN is high, outputs are active.
Table 16. Control and GPIO Pins
PIN NO.
NAME
TYPE
2-LEVEL INPUT
3-LEVEL INPUT
OUTPUT
TERMINATION
23
HW_SW_CTRL
Input
-
Yes
-
PUPD
20
GPIO1
Input/Output
Yes
-
Yes
PU (when Input)
19
GPIO2
Input/Output
Yes
-
Yes
Open-Drain I/O in
I2C mode, CMOS
(Input)
12
GPIO3
Input
Yes
-
-
-
11
GPIO4
Input/Output
Yes
-
Yes
PU (when Input)
8
PDN
Input
Yes
-
-
PU (when Input)
4
REFSEL
Input
-
Yes
-
PUPD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com