Electronic Components Datasheet Search
  English  ▼

X  

LPC5410X Datasheet(PDF) 28 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 24Page - NXP Semiconductors LPC5410X Datasheet HTML 25Page - NXP Semiconductors LPC5410X Datasheet HTML 26Page - NXP Semiconductors LPC5410X Datasheet HTML 27Page - NXP Semiconductors LPC5410X Datasheet HTML 28Page - NXP Semiconductors LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors LPC5410X Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
28 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
• FIFO support from the System FIFO.
• Activity on the SPI in slave mode allows wake-up from deep sleep and power down
modes on any enabled interrupt.
7.17 I2C-bus interface
The I2C-bus is bidirectional for inter-IC control using only two wires: a serial clock line
(SCL) and a serial data line (SDA). Each device is recognized by a unique address and
can operate as either a receiver-only device (for example, an LCD driver) or a transmitter
with the capability to both receive and send information (such as memory). Transmitters
and/or receivers can operate in either master or slave mode, depending on whether the
chip has to initiate a data transfer or is only addressed. The I2C is a multi-master bus and
can be controlled by more than one bus master connected to it.
7.17.1 Features
• All I2Cs support standard (up to 100 Kbits/s), fast mode (up to 400 Kbits/s), and
Fast-mode Plus (up to 1 Mbit/s).
• All I2Cs support high-speed slave mode with data rates of up to 3.4 Mbit/s.
• Independent Master, Slave, and Monitor functions.
• Supports both Multi-master and Multi-master with Slave functions.
• Multiple I2C slave addresses supported in hardware.
• One slave address can be selectively qualified with a bit mask or an address range in
order to respond to multiple I2C-bus addresses.
• 10-bit addressing supported with software assist.
• Supports System Management Bus (SMBus).
• No chip clocks are required in order to receive and compare an address as a Slave,
so this event can wake up the device from power down mode.
• Supports the I2C-bus specification up to Fast-mode Plus (FM+, up to 1 MHz) in both
master and slave modes. High-speed (HS, up to 3.4 MHz) I2C is support in slave
mode only.
• Activity on the I2C in slave mode allows wake-up from deep sleep and power down
modes on any enabled interrupt.
7.18 Counter/timers
7.18.1 General-purpose 32-bit timers/external event counter
The LPC5410x includes five general-purpose 32-bit timer/counters.
The timer/counter is designed to count cycles of the system derived clock or an
externally-supplied clock. It can optionally generate interrupts, generate timed DMA
requests, or perform other actions at specified timer values, based on four match
registers. Each timer/counter also includes two capture inputs to trap the timer value when
an input signal transitions, optionally generating an interrupt.
7.18.1.1 Features
• Each is a 32-bit counter/timer with a programmable 32-bit prescaler. Four of the
timers include external capture and match pin connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com