Electronic Components Datasheet Search
  English  ▼

X  

LPC5410X Datasheet(PDF) 77 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 73Page - NXP Semiconductors LPC5410X Datasheet HTML 74Page - NXP Semiconductors LPC5410X Datasheet HTML 75Page - NXP Semiconductors LPC5410X Datasheet HTML 76Page - NXP Semiconductors LPC5410X Datasheet HTML 77Page - NXP Semiconductors LPC5410X Datasheet HTML 78Page - NXP Semiconductors LPC5410X Datasheet HTML 79Page - NXP Semiconductors LPC5410X Datasheet HTML 80Page - NXP Semiconductors LPC5410X Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
77 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
13.3 Connecting power, clocks, and debug functions
(1) See Section 13.5 “RTC oscillator” for the values of C3 and C4.
(2) Position the decoupling capacitors of 0.1 μF and 0.01 μF as close as possible to the VDD pin. Add one set of decoupling
capacitors to each VDD pin.
(3) Position the decoupling capacitors of 0.1 μF as close as possible to the VREFN and VDDA pins. The 10 μF bypass capacitor
filters the power line. Tie VDDA and VREFP to VDD if the ADC is not used. Tie VREFN to VSS if ADC is not used.
(4) Uses the ARM 10-pin interface for SWD.
(5) When measuring signals of low frequency, use a low-pass filter to remove noise and to improve ADC performance. Also see
Ref. 3.
(6) External pull-up resistors on SWDIO and SWCLK pins are optional because these pins have an internal pull-up enabled by
default.
Fig 28. Power, clock, and debug connections
SWDIO/PIO0_17
RESET
VSS
VSSA
PIO0_31
ADC0
RTCXIN
RTCXOUT
VDD (2 to 4 pins)
VDDA
VREFP
VREFN
LPC5410x
3.3 V
3.3 V
DGND
DGND
AGND
1
3
5
7
9
2
4
6
8
10
Note 4
Note 5
DGND
DGND
DGND
C3
C4
Note 1
Note 2
Note 3
Note 3
0.01 μF
0.1 μF
3.3 V
DGND
10 μF
0.1 μF
3.3 V
AGND
AGND
AGND
10 μF
0.1 μF
0.1 μF
ISP select pins
n.c.
n.c.
n.c.
SWD connector
3.3 V
~10 kΩ - 100 kΩ
aaa-017247
SWCLK/PIO0_16
3.3 V
~10 kΩ - 100 kΩ
(6)
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com