Electronic Components Datasheet Search
  English  ▼

X  

LPC5410X Datasheet(PDF) 38 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 34Page - NXP Semiconductors LPC5410X Datasheet HTML 35Page - NXP Semiconductors LPC5410X Datasheet HTML 36Page - NXP Semiconductors LPC5410X Datasheet HTML 37Page - NXP Semiconductors LPC5410X Datasheet HTML 38Page - NXP Semiconductors LPC5410X Datasheet HTML 39Page - NXP Semiconductors LPC5410X Datasheet HTML 40Page - NXP Semiconductors LPC5410X Datasheet HTML 41Page - NXP Semiconductors LPC5410X Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
38 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
8. Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
c) The limiting values are stress ratings only and operating the part at these values is not recommended and proper operation is not
guaranteed. The conditions for functional operation are specified in Table 16.
[2]
Maximum/minimum voltage above the maximum operating voltage (see Table 16) and below ground that can be applied for a short time
(< 10 ms) to a device without leading to irrecoverable failure. Failure includes the loss of reliability and shorter lifetime of the device.
[3]
The peak current is limited to 25 times the corresponding maximum current.
[4]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[5]
VDD present or not present. Compliant with the I2C-bus standard. 5.5 V can be applied to this pin when VDD is powered down.
[6]
Applies to all 5 V tolerant I/O pins except true open-drain pins.
[7]
Including the voltage on outputs in 3-state mode.
Table 7.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage (core and
external rail)
on pin VDD
[2]
0.5
+4.6
V
VDDA
analog supply voltage
on pin VDDA
-0.5
+4.6
V
Vref
reference voltage
on pin VREFP
-
0.5
+4.6
V
VI
input voltage
only valid when the VDD > 1.8 V;
5 V tolerant I/O pins
[6][7]
0.5
5.0
V
VI
input voltage
on I2C open-drain pins
[5]
0.5
+5.0
V
VIA
analog input voltage
on digital pins configured for an
analog function
[8][9]
0.5
VDD
V
IDD
total supply current
[3] -60
mA
ISS
total ground current
[3] -60
mA
Ilatch
I/O latch-up current
(0.5VDD) < VI < (1.5VDD);
Tj < 125 C
-
100
mA
Vi(rtcx)
32 kHz oscillator input
voltage
[2] -0.5
4.6
V
Tstg
storage temperature
[10]
65
+150
C
Tj(max)
maximum junction
temperature
-
+150
C
Ptot(pack)
total power dissipation
(per package)
based on package heat transfer,
not device power consumption
-
1.5
W
VESD
electrostatic discharge
voltage
human body model; all pins
[4]
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com