Electronic Components Datasheet Search
  English  ▼

X  

LPC5410X Datasheet(PDF) 58 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 58 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 54Page - NXP Semiconductors LPC5410X Datasheet HTML 55Page - NXP Semiconductors LPC5410X Datasheet HTML 56Page - NXP Semiconductors LPC5410X Datasheet HTML 57Page - NXP Semiconductors LPC5410X Datasheet HTML 58Page - NXP Semiconductors LPC5410X Datasheet HTML 59Page - NXP Semiconductors LPC5410X Datasheet HTML 60Page - NXP Semiconductors LPC5410X Datasheet HTML 61Page - NXP Semiconductors LPC5410X Datasheet HTML 62Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
58 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
Number of erase/program cycles.
[2]
Programming times are given for writing 256 bytes from RAM to the flash.
11.3 I/O pins
[1]
Simulated data.
[2]
Simulated using 10 cm of 50 Ω PCB trace with 5 pF receiver input. Rise and fall times measured between
80 % and 20 % of the full output signal level.
[3]
The slew rate is configured in the IOCON block the SLEW bit. See the LPC5410x user manual.
[4]
CL = 20 pF. Rise and fall times measured between 90 % and 10 % of the full input signal level.
11.4 Wake-up process
[1]
Typical ratings are not guaranteed. The values listed are at room temperature (25
C), nominal supply
voltages.
Table 19.
Dynamic characteristic: I/O pins[1]
Tamb = 40 C to +85 C; 1.62 V  VDD  3.6 V
Symbol Parameter Conditions
Min
Typ Max
Unit
Standard I/O pins - normal drive strength
tr
rise time
pin configured as output; SLEW = 1 (fast
mode);
2.7 V
 VDD  3.6 V
[2][3]
1.0
-
2.5
ns
1.62 V
 VDD  1.98 V
1.6
-
3.8
ns
tf
fall time
pin configured as output; SLEW = 1 (fast
mode);
2.7 V
 VDD  3.6 V
[2][3]
0.9
-
2.5
ns
1.62 V
VDD  1.98 V
1.7
-
4.1
ns
tr
rise time
pin configured as output; SLEW = 0
(standard mode);
2.7 V
 VDD  3.6 V
[2][3]
1.9
-
4.3
ns
1.62 V
 VDD  1.98 V
2.9
-
7.8
ns
tf
fall time
pin configured as output; SLEW = 0
(standard mode);
2.7 V
 VDD  3.6 V
[2][3]
1.9
-
4.0
ns
1.62 V
 VDD  1.98 V
2.7
-
6.7
ns
tr
rise time
pin configured as input
[4]
0.3
-
1.3
ns
tf
fall time
pin configured as input
[4]
0.2
-
1.2
ns
Table 20.
Dynamic characteristic: Typical wake-up times from low power modes
VDD = 3.3 V;Tamb = 25 C; using IRC as the system clock.
Symbol Parameter
Conditions
Min
Typ[1]
Max Unit
twake
wake-up
time
from sleep mode
[2][3] -
1.6
-
s
from deep sleep mode with full
SRAM retention:
to code executing in flash or
SRAM
[2] -18
-
s
from power down mode
[2]
180
-
s
from deep power-down mode;
RTC disabled; using RESET pin.
[4] -
200
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com